Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285A Datasheet(PDF) 64 Page - STMicroelectronics

Part # STLUX285A
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285A Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STLUX285A Datasheet HTML 60Page - STMicroelectronics STLUX285A Datasheet HTML 61Page - STMicroelectronics STLUX285A Datasheet HTML 62Page - STMicroelectronics STLUX285A Datasheet HTML 63Page - STMicroelectronics STLUX285A Datasheet HTML 64Page - STMicroelectronics STLUX285A Datasheet HTML 65Page - STMicroelectronics STLUX285A Datasheet HTML 66Page - STMicroelectronics STLUX285A Datasheet HTML 67Page - STMicroelectronics STLUX285A Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 126 page
background image
Note:
The default setting values refer to the factory configuration. The factory configuration can be overwritten by the user in accordance
with the target application requirements.
The factory configuration values are loosed after user programming fields or in case of the ROP unprotecting attempt causing
a “Global Flash Erase”.
The predefined initialized bit-values (1 or 0) must be preserved during memory writing.
An undefined option bit must be keep 0 and the complement value at 1 during the memory writing sequence.
4816h
nMSC_OPT0
-
-
nUARTLine [1:0]
-
-
nBootSel [1:0]
FEh
4817h
RESERVED
-
-
-
-
-
-
-
-
00h
487Dh
487Eh
OPTBL
BL [7:0]
00h
487Fh
nOPTBL
nBL [7:0]
FFh
Table 38. Option byte register overview - STLUX383A (continued)
Address
Option name
Option bits
Default
settings
76
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com