Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285A Datasheet(PDF) 90 Page - STMicroelectronics

Part # STLUX285A
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285A Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STLUX285A Datasheet HTML 86Page - STMicroelectronics STLUX285A Datasheet HTML 87Page - STMicroelectronics STLUX285A Datasheet HTML 88Page - STMicroelectronics STLUX285A Datasheet HTML 89Page - STMicroelectronics STLUX285A Datasheet HTML 90Page - STMicroelectronics STLUX285A Datasheet HTML 91Page - STMicroelectronics STLUX285A Datasheet HTML 92Page - STMicroelectronics STLUX285A Datasheet HTML 93Page - STMicroelectronics STLUX285A Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 126 page
background image
Electrical characteristics
STLUX
90/126
DocID027870 Rev 1
IC peripheral current consumption (3.3 V)
Table 74 summarizes the peripheral current consumption measured on VDD/VDDA supply
pins.
Table 74. Peripheral supply current consumption at VDD/VDDA = 3.3 V
Symbol
Clock
Peripherals
Consumption(1)
Op.mode
PLL
fSMED(2)
fPWM(3)
fADC(4)
ADC(5)
PWM (6),(7)
ACU(8)
Typ.(9)
Max.(9)
Enb/Dis
MHz
MHz
MHz
Enb/Dis
Num
Enb/Dis
mA
mA
IDD(PLL)
Enab
0
0
0
Disab
0
Disab
2.3
2.7
IDD(ACU)
Disab
0
0
0
Disab
0
Enab
1.9
2.3
IDD(PWM1PLL96)
Enab
96
0.5
0
Disab
1
Disab
1.8
2.1
IDD(PWM4PLL96)
4
6.69
8.32
IDD(PWM5PLL96)
58.55
10.4
IDD(PWM6PLL96)
6
10.12
12.2
IDD(PWM1PLL48)
Enab
48
0.5
0
Disab
1
Disab
1.12
1.4
IDD(PWM4PLL48)
4
4.31
5.31
IDD(PWM5PLL48)
55.6
6.8
IDD(PWM6PLL48)
6
6.54
7.85
IDD(PWM1PLL24)
Enab
24
0.5
0
Disab
1
Disab
0.71
0.9
IDD(PWM4PLL24)
4
2.89
3.54
IDD(PWM5PLL24)
53.9
4.7
IDD(PWM6PLL24
6
4.39
5.27
IDD(PWM1PLL12)
Enab
12
0.5
0
Disab
1
Disab
0.6
0.7
IDD(PWM4PLL12)
4
2.2
2.69
IDD(PWM5PLL12)
5
2.95
3.6
IDD(PWM6PLL12)
63.33
4
IDD(PWM1PLL6)
Enab
6
0.5
0
Disab
1
Disab
0.5
0.6
IDD(PWM4PLL6)
4
1.85
2.26
IDD(PWM5PLL6)
52.6
3.2
IDD(PWM6PLL6)
6
2.81
3.4
IDD(PWM1HSI16)
Enab
16
0.5
0
Disab
1
Disab
0.5
0.6
IDD(PWM4HSI16)
4
1.79
2.19
IDD(PWM5HSI16)
52.3
3
IDD(PWM6HSI16)
6
2.63
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com