Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285A Datasheet(PDF) 36 Page - STMicroelectronics

Part # STLUX285A
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285A Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STLUX285A Datasheet HTML 32Page - STMicroelectronics STLUX285A Datasheet HTML 33Page - STMicroelectronics STLUX285A Datasheet HTML 34Page - STMicroelectronics STLUX285A Datasheet HTML 35Page - STMicroelectronics STLUX285A Datasheet HTML 36Page - STMicroelectronics STLUX285A Datasheet HTML 37Page - STMicroelectronics STLUX285A Datasheet HTML 38Page - STMicroelectronics STLUX285A Datasheet HTML 39Page - STMicroelectronics STLUX285A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 126 page
background image
I/O multifunction signal configuration
STLUX
36/126
DocID027870 Rev 1
Table 6 summarizes the Port P0 configuration scheme. Both registers MSC_IOMXP0 and
AFR_IOMXP0 use the same register fields Sel_p054, Sel_p032 and Sel_p010 which
respectively control the bits [5, 4], [3, 2] and [1, 0] of the Port P0.
7.2.2
Port P0 diagnostic signals
The primary I/Os can be used to trace the SMED's state evolution. This feature allows the
debug of the complex SMED configurations. The trace selection can be enabled or disabled
via the register MSC_IOMXSMD. The diagnostic signal selection through the
MSC_IOMXSMD register overrides the functional configuration of the MSC_IOMXP0
register.
The Port P0 [5:3] or P0 [2:0] can be configured to output one or two different SMEDs'
current states.
The SMEDs FSM state signals (coded on three bits) may be multiplexed either on port bits
P0 [5:3] or P0 [2:0]; alternatively two different SMEDs signal states can be traced
simultaneously on the same port bits. The SMED trace configuration is forbidden on the Port
P [2:0] when the external comparator reference voltage is programmed on the Port P0 [1, 0].
The Port 0 I/O signal availability depends on the STLUX device.
Table 6. P0 internal multiplexing signals(1)
1. The Sel_p054, Sel_p032, Sel_p010 are register fields for both registers MSC_IOMXP0 and
AFR_IOMXP0.
The peripheral conflict (same resources selected on different pins at the same time) has to be prevented
by SW configuration.
When the I2C interface is selected either on the GPIO0 [5:4] GPIO0 [3:2] or on GPIO0 [1:0] signals the
related I/O port speed has to be configured at 10 MHz by programming the GPIO0 internal peripheral.
Port P0 multifunction configuration signal
Port pins
Multifunction signal
MUX selection
Selection fields
Value (binary)
P0[1,0](2)
2. Available only on the STLUX385A and STLUX383A.
GPIO0 [1]
GPIO0 [0]
Sel_P010
00
UART_rx
UART_tx
01
I2C_scl
I2C_sda
10
RFU reserved encoding
11
P0[3,2]
GPIO0 [3]
GPIO0 [2]
Sel_P032
00
I2C_scl
I2C_sda
01
HseOscin
HseOscout
10
UART_rx
UART_tx
11
P0[5,4]
GPIO0[5]
GPIO0[4]
Sel_P054
00
DALI_rx
DALI_tx
01
I2C_scl
I2C_sda
10
UART_rx
UART_tx
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com