Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285A Datasheet(PDF) 46 Page - STMicroelectronics

Part # STLUX285A
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285A Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STLUX285A Datasheet HTML 42Page - STMicroelectronics STLUX285A Datasheet HTML 43Page - STMicroelectronics STLUX285A Datasheet HTML 44Page - STMicroelectronics STLUX285A Datasheet HTML 45Page - STMicroelectronics STLUX285A Datasheet HTML 46Page - STMicroelectronics STLUX285A Datasheet HTML 47Page - STMicroelectronics STLUX285A Datasheet HTML 48Page - STMicroelectronics STLUX285A Datasheet HTML 49Page - STMicroelectronics STLUX285A Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 126 page
background image
Memory and register map
STLUX
46/126
DocID027870 Rev 1
8.2
Register map
Section 8.2.1 shows the STLUX memory map.
8.2.1
General purpose I/O GPIO0 register map
8.2.2
General purpose I/O GPIO1 register map
Table 14. General purpose I/O GPIO0 register map
Address
Block
Register name
Register description
0x00.5000
GPIO0
P0_ODR
Output data
0x00.5001
P0_IDR
Input data
0x00.5002
P0_DDR
Data direction
0x00.5003
P0_CR1
Control register 1
0x00.5004
P0_CR2
Control register 2
Table 15. General purpose I/O GPIO1 register map
Address
Block
Register name
Register description
0x00.5005
GPIO1
P1_ODR
Output data
0x00.5006
P1_IDR
Input data
0x00.5007
P1_DDR
Data direction
0x00.5008
P1_CR1
Control register 1
0x00.5009
P1_CR2
Control register 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com