Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285A Datasheet(PDF) 43 Page - STMicroelectronics

Part # STLUX285A
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285A Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STLUX285A Datasheet HTML 39Page - STMicroelectronics STLUX285A Datasheet HTML 40Page - STMicroelectronics STLUX285A Datasheet HTML 41Page - STMicroelectronics STLUX285A Datasheet HTML 42Page - STMicroelectronics STLUX285A Datasheet HTML 43Page - STMicroelectronics STLUX285A Datasheet HTML 44Page - STMicroelectronics STLUX285A Datasheet HTML 45Page - STMicroelectronics STLUX285A Datasheet HTML 46Page - STMicroelectronics STLUX285A Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 126 page
background image
DocID027870 Rev 1
43/126
STLUX
I/O multifunction signal configuration
126
Bit 7 - 6:
RFU reserved; in order to guarantee future compatibility, the bits are kept or set to 0
during register write operations.
MSC_IOMXP2 (Port P2 I/O MUX control register)
The Port1 I/O multifunction signal configurations register (for functionality description refer
to Section 7.5). This register is not available on STLUX285A and must be kept set to its
default value
Check device feature availability.
Bit 3 - 0:
RFU reserved; must be kept 0 during register writing for future compatibility
Bit 4:
Sel_P254 Port2 [5:4] I/O multiplexing scheme:
0: Port2 [5:4] are interconnected to I2C_scl and I2C_sda signals
1: Port2 [5:4] are interconnected to DIGIN [5:4] signals
Bit 6 - 5:
RFU reserved; in order to guarantee future compatibility, the bits are kept or set to 0
during register write operations.
Bit 7:
Sel_SWIM SWIM alternate function signal enable; this feature is active when the SWD
field of the register CFG_GCR is set.
0: SWIM pin is configured with GPIO0 [6] signal.
1: SWIM functionality is preserved.
Table 11. MSC_IOMXP2 (Port P2 I/O MUX control register)
Offset: 0x13 (indirect area)
Default value: 0xFF
76
5432
1
0
Sel_SWIM
RFU
Sel_P254
RFU
r/w
r
r/w
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com