Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285A Datasheet(PDF) 57 Page - STMicroelectronics

Part # STLUX285A
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285A Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STLUX285A Datasheet HTML 53Page - STMicroelectronics STLUX285A Datasheet HTML 54Page - STMicroelectronics STLUX285A Datasheet HTML 55Page - STMicroelectronics STLUX285A Datasheet HTML 56Page - STMicroelectronics STLUX285A Datasheet HTML 57Page - STMicroelectronics STLUX285A Datasheet HTML 58Page - STMicroelectronics STLUX285A Datasheet HTML 59Page - STMicroelectronics STLUX285A Datasheet HTML 60Page - STMicroelectronics STLUX285A Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 126 page
background image
DocID027870 Rev 1
57/126
STLUX
Memory and register map
126
8.2.20
Interrupt controller
8.2.21
SWIM control register
Table 34. Interrupt software priority register map
Address
Block
Register name
Register description
0x00.7F70
ITC
ITC_SPR0
Interrupt SW priority register 0
0x00.7F71
ITC_SPR1
Interrupt SW priority register 1
0x00.7F72
ITC_SPR2
Interrupt SW priority register 2
0x00.7F73
ITC_SPR3
Interrupt SW priority register 3
0x00.7F74
ITC_SPR4
Interrupt SW priority register 4
0x00.7F75
ITC_SPR5
Interrupt SW priority register 5
0x00.7F76
ITC_SPR6
Interrupt SW priority register 6
0x00.7F77
ITC_SPR7
Interrupt SW priority register 7
Table 35. SWIM register map
Address
Block
Register name
Register description
0x00.7F80
SWIM
SWIM_CSR
SWIM control status
0x00.7F90
DM
DM_BK1E
DM internal registers
……
0x00.7F9B
DM_VER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com