Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285A Datasheet(PDF) 58 Page - STMicroelectronics

Part # STLUX285A
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285A Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STLUX285A Datasheet HTML 54Page - STMicroelectronics STLUX285A Datasheet HTML 55Page - STMicroelectronics STLUX285A Datasheet HTML 56Page - STMicroelectronics STLUX285A Datasheet HTML 57Page - STMicroelectronics STLUX285A Datasheet HTML 58Page - STMicroelectronics STLUX285A Datasheet HTML 59Page - STMicroelectronics STLUX285A Datasheet HTML 60Page - STMicroelectronics STLUX285A Datasheet HTML 61Page - STMicroelectronics STLUX285A Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 126 page
background image
Interrupt table
STLUX
58/126
DocID027870 Rev 1
9
Interrupt table
Table 36 shows the STLUX internal controller's interrupt vector.
Table 36. Interrupt vector exception table
Priority Source block
Description
Wakeup from
Halt
Wakeup from
active halt
Interrupt vector
address
RESET
Reset
Yes
Yes
8000h
TRAP
Software interrupt
8004h
0
NMI
NMI (not maskable interrupt)
Yes(1)
Yes(1)
8008h
1
AWU
Auto-wakeup from Halt
Yes
800Ch
2
CKC
Clock controller
8010h
3
PO
GPIO0 [5:0] external interrupts
Yes(1), (2)
Yes((1), (2)
8014h
4
AUXTIM
Auxiliary timer
8018h
5
P2
DIGIN [5:0] external interrupts
Yes(1), (2)
Yes(1), (2)
801Ch
6
SMED0
SMED-0 interrupt
8020h
7
SMED1
SMED-1 control logic
8024h
8RFU(3)
Reserved for future use
8028h
9RFU(3)
Reserved for future use
802Ch
10
RFU(3)
Reserved for future use
8030h
11
RFU(3)
Reserved for future use
8034h
12
RFU(3)
Reserved for future use
8038h
13
RFU(3)
Reserved for future use
803Ch
14
RFU(3)
Reserved for future use
8040h
15
SMED2
SMED-2 control logic
8044h
16
SMED3
SMED-3 control logic
8048h
17
UART
Tx complete
804Ch
18
UART
Receive register DATA FULL
Indirect(4)
Indirect(4)
8050h
19
I2CI2C interrupt
Indirect(4)
Yes
8054h
20
RFU(3)
Reserved for future use
8058h
21
RFU(3)
Reserved for future use
805Ch
22
ADC
End of conversion
8060h
23
SYS-TMR
Update/overflow
8064h
24
FLASH
EOP/WR_PG_DIS
8068h
25
DALI
DALI interrupt line
Indirect(4)
Indirect(4)
806Ch
26
SMED4
SMED-4 control logic
8070h
27
SMED5
SMED-5 control logic
8074h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com