Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX285A Datasheet(PDF) 119 Page - STMicroelectronics

Part # STLUX285A
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX285A Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STLUX285A Datasheet HTML 115Page - STMicroelectronics STLUX285A Datasheet HTML 116Page - STMicroelectronics STLUX285A Datasheet HTML 117Page - STMicroelectronics STLUX285A Datasheet HTML 118Page - STMicroelectronics STLUX285A Datasheet HTML 119Page - STMicroelectronics STLUX285A Datasheet HTML 120Page - STMicroelectronics STLUX285A Datasheet HTML 121Page - STMicroelectronics STLUX285A Datasheet HTML 122Page - STMicroelectronics STLUX285A Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 126 page
background image
DocID027870 Rev 1
119/126
STLUX
Package information
126
Table 96. TSSOP38 package mechanical data(1)
1. TSSOP stands for
“Thin Shrink Small Outline Package”.
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
1.20
A1
0.05
0.15
A2
0.80
1.00
1.05
b
0.17
0.27
c
0.09
0.20
D(2)
2. Dimensions
“D” and “E1”do not include the mold flash or protrusions. The mold flash or protrusions shall not exceed
0.15 mm per side.
9.60
9.70
9.80
E
6.20
6.40
6.60
E1(2)
4.30
4.40
4.50
e0.50
L
0.45
0.60
0.75
L1
1.00
k0
8
aaa
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com