Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072X8 Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 102Page - STMicroelectronics STM32L072X8 Datasheet HTML 103Page - STMicroelectronics STM32L072X8 Datasheet HTML 104Page - STMicroelectronics STM32L072X8 Datasheet HTML 105Page - STMicroelectronics STM32L072X8 Datasheet HTML 106Page - STMicroelectronics STM32L072X8 Datasheet HTML 107Page - STMicroelectronics STM32L072X8 Datasheet HTML 108Page - STMicroelectronics STM32L072X8 Datasheet HTML 109Page - STMicroelectronics STM32L072X8 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 147 page
background image
Electrical characteristics
STM32L072xx
106/147
DocID027100 Rev 3
Figure 34. 12-bit buffered/non-buffered DAC
6.3.17
Temperature sensor characteristics
6. Difference between the value measured at Code (0x800) and the ideal value = VREF+/2.
7. Difference between the value measured at Code (0x001) and the ideal value.
8. Difference between ideal slope of the transfer function and measured slope computed from code 0x000 and 0xFFF when
buffer is off, and from code giving 0.2 V and (VDDA – 0.2) V when buffer is on.
9. In buffered mode, the output can overshoot above the final value for low input code (starting from min value).
Table 68. Temperature sensor calibration values
Calibration value name
Description
Memory address
TS_CAL1
TS ADC raw data acquired at
temperature of 30 °C, VDDA= 3 V
0x1FF8 007A - 0x1FF8 007B
TS_CAL2
TS ADC raw data acquired at
temperature of 130 °C, VDDA= 3 V
0x1FF8 007E - 0x1FF8 007F
Table 69. Temperature sensor characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL(1)
1. Guaranteed by characterization results.
VSENSE linearity with temperature
-
1
2°C
Avg_Slope(1)
Average slope
1.48
1.61
1.75
mV/°C
V130
Voltage at 130°C ±5°C(2)
2. Measured at VDD = 3 V ±10 mV. V130 ADC conversion result is stored in the TS_CAL2 byte.
640
670
700
mV
IDDA(TEMP)(3)
Current consumption
-
3.4
6
µA
tSTART(3)
3. Guaranteed by design.
Startup time
-
-
10
µs
TS_temp(4)(3)
4. Shortest sampling time can be determined in the application by multiple iterations.
ADC sampling time when reading the temperature
10
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com