Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072X8 Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 103Page - STMicroelectronics STM32L072X8 Datasheet HTML 104Page - STMicroelectronics STM32L072X8 Datasheet HTML 105Page - STMicroelectronics STM32L072X8 Datasheet HTML 106Page - STMicroelectronics STM32L072X8 Datasheet HTML 107Page - STMicroelectronics STM32L072X8 Datasheet HTML 108Page - STMicroelectronics STM32L072X8 Datasheet HTML 109Page - STMicroelectronics STM32L072X8 Datasheet HTML 110Page - STMicroelectronics STM32L072X8 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 147 page
background image
DocID027100 Rev 3
107/147
STM32L072xx
Electrical characteristics
117
6.3.18
Comparators
Table 70. Comparator 1 characteristics
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Unit
VDDA
Analog supply voltage
-
1.65
3.6
V
R400K
R400K value
-
-
400
-
k
R10K
R10K value
-
-
10
-
VIN
Comparator 1 input voltage
range
-0.6
-
VDDA
V
tSTART
Comparator startup time
-
-
7
10
µs
td
Propagation delay(2)
--
3
10
Voffset
Comparator offset
-
-
3
10
mV
dVoffset/dt
Comparator offset variation in
worst voltage stress conditions
VDDA 3.6 V, VIN+ 0 V,
VIN- VREFINT, TA = 25 C
0
1.5
10
mV/1000 h
ICOMP1
Current consumption(3)
-
-
160
260
nA
1. Guaranteed by characterization.
2. The delay is characterized for 100 mV input step with 10 mV overdrive on the inverting input, the non-inverting input set to
the reference.
3. Comparator consumption only. Internal reference voltage not included.
Table 71. Comparator 2 characteristics
Symbol
Parameter
Conditions
Min
Typ
Max(1) Unit
VDDA
Analog supply voltage
-
1.65
-
3.6
V
VIN
Comparator 2 input voltage range
-
0
-
VDDA
V
tSTART
Comparator startup time
Fast mode
-
15
20
µs
Slow mode
-
20
25
td slow
Propagation delay(2) in slow mode
1.65 V
 VDDA  2.7 V
-
1.8
3.5
2.7 V
 VDDA  3.6 V
-
2.5
6
td fast
Propagation delay(2) in fast mode
1.65 V
 VDDA  2.7 V
-
0.8
2
2.7 V
 VDDA  3.6 V
-
1.2
4
Voffset
Comparator offset error
-
4
20
mV
dThreshold/
dt
Threshold voltage temperature
coefficient
VDDA 3.3V, TA = 0 to 50 C, 
V- = VREFINT,
3/4 VREFINT,
1/2 VREFINT,
1/4 VREFINT.
-15
30
ppm
/°C
ICOMP2
Current consumption(3)
Fast mode
-
3.5
5
µA
Slow mode
-
0.5
2
1. Guaranteed by characterization results.
2. The delay is characterized for 100 mV input step with 10 mV overdrive on the inverting input, the non-inverting input set to
the reference.
3. Comparator consumption only. Internal reference voltage (required for comparator operation) is not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com