Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072X8 Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32L072X8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072X8 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32L072X8 Datasheet HTML 106Page - STMicroelectronics STM32L072X8 Datasheet HTML 107Page - STMicroelectronics STM32L072X8 Datasheet HTML 108Page - STMicroelectronics STM32L072X8 Datasheet HTML 109Page - STMicroelectronics STM32L072X8 Datasheet HTML 110Page - STMicroelectronics STM32L072X8 Datasheet HTML 111Page - STMicroelectronics STM32L072X8 Datasheet HTML 112Page - STMicroelectronics STM32L072X8 Datasheet HTML 113Page - STMicroelectronics STM32L072X8 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 147 page
background image
Electrical characteristics
STM32L072xx
110/147
DocID027100 Rev 3
SPI characteristics
Unless otherwise specified, the parameters given in the following tables are derived from
tests performed under ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 26.
Refer to Section 6.3.12: I/O current injection characteristics for more details on the
input/output alternate function characteristics (NSS, SCK, MOSI, MISO).
Table 75. SPI characteristics in voltage Range 1 (1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
--
16
MHz
Slave mode
receiver
16
Slave mode
Transmitter
1.71<VDD<3.6V
--
12(2)
2. The maximum SPI clock frequency in slave transmitter mode is determined by the sum of tv(SO) and tsu(MI)
which has to fit into SCK low or high phase preceding the SCK sampling edge. This value can be
achieved when the SPI communicates with a master having tsu(MI) = 0 while Duty(SCK) = 50%.
Slave mode
Transmitter
2.7<VDD<3.6V
--
16(2)
Duty(SCK)
Duty cycle of SPI clock
frequency
Slave mode
30
50
70
%
tsu(NSS)
NSS setup time
Slave mode, SPI
presc = 2
4*Tpclk
-
-
ns
th(NSS)
NSS hold time
Slave mode, SPI
presc = 2
2*Tpclk
-
-
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
Tpclk-2
Tpclk
Tpclk+
2
tsu(MI)
Data input setup time
Master mode
0
-
-
tsu(SI)
Slave mode
3
-
-
th(MI)
Data input hold time
Master mode
7
-
-
th(SI)
Slave mode
3.5
-
-
ta(SO
Data output access time
Slave mode
15
-
36
tdis(SO)
Data output disable time
Slave mode
10
-
30
tv(SO)
Data output valid time
Slave mode
1.65 V<VDD<3.6 V
-18
41
Slave mode
2.7 V<VDD<3.6 V
-18
25
tv(MO)
Master mode
-
4
7
th(SO)
Data output hold time
Slave mode
10
-
-
th(MO)
Master mode
0
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com