Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 39 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 39 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 35Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 36Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 37Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 38Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 39Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 40Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 41Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 42Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 43Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
39
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Symbol
Type
Description
RY/BY#
Output - open
drain
Ready/Busy. Indicates whether an Embedded Algorithm is in progress or complete. At VIL, the device is
actively engaged in an Embedded Algorithm such as erasing or programming. At High-Z, the device is
ready for read or a new command write - requires external pull-up resistor to detect the High-Z state.
Multiple devices may have their RY/BY# outputs tied together to detect when all devices are ready.
VCC
Power Supply
Core power supply
VIO
Power Supply
Versatile IO power supply.
VSS
Power Supply
Power supplies ground
NC
No Connect
Not Connected internally. The pin/ball location may be used in Printed Circuit Board (PCB) as part of a
routing channel.
RFU
No Connect
Reserved for Future Use. Not currently connected internally but the pin/ball location should be left
unconnected and unused by PCB routing channel for future compatibility. The pin/ball may be used by a
signal in the future.
DNU
Reserved
Do Not Use. Reserved for use by the OCM. The pin/all is connected internally. The input has an internal pull
down resistance to VSS. The pin/ball can be left open or tied to VSS on the PCB.
7 .3
Versatile I/O Feature
Themaximumoutputvoltageleveldrivenby,andinputlevelsacceptableto,thedevicearedeterminedbythe
VIOpowersupply.Thissupplyallowsthedevicetodriveandreceivesignalstoandfromotherdevicesonthe
samebushavinginterfacesignallevelsdifferentfromthedevicecorevoltage.
7 .4
Ready/Busy# (RY/BY#)
RY/BY#isadedicated,opendrainoutputpinthatindicateswhetheranEmbeddedAlgorithm,Power-OnReset
(POR),orHardwareResetisinprogressorcomplete.TheRY/BY#statusisvalidaftertherisingedgeofthefinal
WE#pulseinacommandsequence,whenVCCisaboveVCCminimumduringPOR,orafterthefallingedge
ofRESET#.SinceRY/BY#isanopendrainoutput,severalRY/BY#pinscanbetiedtogetherinparallelwitha
pullupresistortoVIO.
IftheoutputisLow(Busy),thedeviceisactivelyerasing,programming,orresetting.(Thisincludesprogramming
intheEraseSuspendmode).IftheoutputisHigh(Ready),thedeviceisreadytoreaddata(includingduringthe
EraseSuspendmode),orisinthestandbymode.
IfanEmbeddedalgorithmhasfailed(Program/ErasefailureasresultofmaxpulsesorSectorislocked),RY/
BY#willstayLow(busy)untilstatusregisterbits4and5areclearedandtheresetcommandisissued.This
includesEraseorProgrammingonalockedsector.
Table 13: I/O Summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com