Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 3 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 3 Page - Micross Components

  MYX29GL01GS11DPIV2 Datasheet HTML 1Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 2Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 3Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 4Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 5Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 6Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 7Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 8Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
3
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
1
Product Overview
TheMYX29GL01GS11DPIV2hasa16-bit(word)widedatabusandusesonlywordboundaryaddresses.All
readaccessesprovide16bitsofdataoneachbustransfercycle.Allwritestake16bitsofdatafromeachbus
transfercycle.
Figure 1: Block Diagram
10
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
D a t a S h e e t
1. Product Overview
The GL-S family consists of 128-Mbit to 1Gbit, 3.0V core, Versatile I/O, non-volatile, flash memory devices.
These devices have a 16-bit (word) wide data bus and use only word boundary addresses. All read accesses
provide 16 bits of data on each bus transfer cycle. All writes take 16 bits of data from each bus transfer cycle.
Figure 1.1 Block Diagram
:Note:
** AMAX GL01GS = A25, AMAX GL512S = A24, AMAX GL256S = A23, AMAX GL128S = A22
The GL-S family combines the best features of eXecute In Place (XIP) and Data Storage flash memories.
This MYX29GL01GS11DPIV2 has the fast random access of XIP flash along with the high density and
fast program speed of Data Storage flash.
Read access to any random location takes 90 ns to 120 ns depending on device density and I/O power
supply voltage. Each random (initial) access reads an entire 32-byte aligned group of data called a Page.
Other words within the same Page may be read by changing only the low order 4 bits of word address. Each
access within the same Page takes 15 ns to 30 ns. This is called Page Mode read. Changing any of the
higher word address bits will select a different Page and begin a new initial access. All read accesses are
asynchronous.
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
V
IO
WE#
WP#
CE#
OE#
STB
STB
DQ15–DQ0
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
AMax**–A0
TheMYX29GL01GS11DPIV2combinesthebestfeaturesofeXecuteInPlace(XIP)andDataStorageflash
memories.ThisMYX29GL01GS11DPIV2hasthefastrandomaccessofXIPflashalongwiththehighdensity
andfastprogramspeedofDataStorageflash.
Readaccesstoanyrandomlocationtakes90nsto120nsdependingondevicedensityandI/Opowersupply
voltage.Eachrandom(initial)accessreadsanentire32-bytealignedgroupofdatacalledaPage.Otherwords
withinthesamePagemaybereadbychangingonlytheloworder4bitsofwordaddress.Eachaccesswithin
thesamePagetakes15nsto30ns.ThisiscalledPageModeread.Changinganyofthehigherwordaddress
bitswillselectadifferentPageandbeginanewinitialaccess.Allreadaccessesareasynchronous.
Note:AMAXGL01GS=A25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com