Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 32 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 32 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 28Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 29Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 30Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 31Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 32Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 33Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 34Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 35Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 36Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
32
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
14. ForPWDx,onlyoneportionofthepasswordcanbeprogrammedpereachA0command.Portionsofthe
passwordmustbeprogrammedinsequentialorder(PWD0-PWD3).
15. AllLockRegisterbitsareone-timeprogrammable.Theprogramstate=0andtheerasestate=1.Also,
boththePersistentProtectionModeLockBitandthePasswordProtectionModeLockBitcannotbe
programmedatthesametimeortheLockRegisterBitsProgramoperationabortsandreturnsthedevice
toreadmode.LockRegisterbitsthatarereservedforfutureuseareundefinedandmaybe0’sor1’s.
16. IfanyoftheEntrycommandswasissued,anExitcommandmustbeissuedtoresetthedeviceintoread
mode.
17. ProtectedState=00h,UnprotectedState=01h.ThesectoraddressforDYBset,DYBclear,orPPB
Programcommandmaybeanylocationwithinthesector-thelowerorderbitsofthesectoraddressare
don’tcare.
6 .2
Device ID and Common Flash Interface (ID-CFI) ASO Map
The Device ID portion of the ASO (word locations 0h to 0Fh) provides manufacturer ID, device ID, Sector
ProtectionState,andbasicfeaturesetinformationforthedevice.
ID-CFILocation02hdisplayssectorprotectionstatusforthesectorselectedbythesectoraddress(SA)used
intheID-CFIentercommand.Toreadtheprotectionstatusofmorethanonesectoritisnecessarytoexitthe
IDASOandentertheIDASOusingthenewSA.Theaccesstimetoreadlocation02hisalwaystACCanda
readofthislocationrequiresCE#togoHighbeforethereadandreturnLowtoinitiatetheread(asynchronous
readaccess).Pagemodereadbetweenlocation02handotherIDlocationsisnotsupported.Pagemoderead
betweenIDlocationsotherthan02hissupported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com