Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 1 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 1 Page - Micross Components

  MYX29GL01GS11DPIV2 Datasheet HTML 1Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 2Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 3Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 4Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 5Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 6Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 7Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 8Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
1
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
1Gbit - 64M x 16 GL-S MirrorBit© Eclipse™ Flash Memory
Features
• Tin-leadballmetallurgy
• 65nmMirrorBitEclipsetechnology
• Singlesupply(VCC)forread/program/erase
(2.7Vto3.6V)
• VersatileI/OFeature
ƒ
WideI/Ovoltagerange(VIO):1.65VtoVCC
• Asynchronous32-bytepageread
• 512-byteprogrammingbuffer
ƒ
Programminginpagemultiples,uptoamaximumof
512bytes
• Singlewordandmultipleprogramonsame
• wordoptions
• SectorErase
ƒ
Uniform128-kbytesectors
• Suspendandresumecommandsforprogramanderase
operations
• Statusregister,datapolling,andready/busypinmethods
todeterminedevicestatus
Options
Marking
• Configuration
ƒ
64Mx16
• FBGApackage(Sn63Pb37solder)
BG
ƒ
64-ballFBGA(9mmx9mm)
D
• Operatingtemperature
ƒ
Industrial(-40°C
≤TC≤+85°C)
IT
Density
Voltage Range
Random
Access Time (tACC)
Page
Access Time (tPACC)
CE#
Access Time (tCE)
OE#
Access Time (tOE)
1 Gb
Full VCC = VI0
100
15
100
25
VersatileIO VIO
110
25
110
35
Typical Program and Erase Rates
Buffer Programming (512 bytes)
1.5 MB/s
Sector Erase (128 kbytes)
477 kB/s
Maximum Current Consumption
Active Read at 5 MHz, 30 pF
60 mA
Program
100 mA
Erase
100 mA
Standby
100 μA
• AdvancedSectorProtection(ASP)
ƒ
Volatileandnon-volatileprotectionmethodsforeach
sector
• Separate1024-byteOneTimeProgram(OTP)arraywith
twolockableregions
• CommonFlashInterface(CFI)parametertable
• 100,000erasecyclesforanysectortypical
• 20-yeardataretentiontypical
Table 1: Performance Summary


Similar Part No. - MYX29GL01GS11DPIV2

ManufacturerPart #DatasheetDescription
logo
Micross Components
MYX29W640GB70ZABG MICROSS-MYX29W640GB70ZABG Datasheet
789Kb / 56P
Asynchronous random/page read
More results

Similar Description - MYX29GL01GS11DPIV2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BC-148 AD-BC-148 Datasheet
276Kb / 1P
148-Lead Chip Scale Package Ball Grid Array
logo
Kepont Electronics, Inc...
KEST-482BW KEPONT-KEST-482BW Datasheet
188Kb / 1P
Ball Bearing
logo
Micross Components
MYX4DDR2128M16PK MICROSS-MYX4DDR2128M16PK Datasheet
1Mb / 39P
Tin-lead ball metallurgy
MYXPM6021 MICROSS-MYXPM6021 Datasheet
4Mb / 113P
Tin-lead ball metallurgy
logo
Festo Corporation.
1692198 FESTO-1692198 Datasheet
87Kb / 2P
Ball valve
11/22/21
1692201 FESTO-1692201 Datasheet
86Kb / 2P
Ball valve
11/22/21
1692202 FESTO-1692202 Datasheet
88Kb / 2P
Ball valve
11/22/21
4405650 FESTO-4405650 Datasheet
94Kb / 2P
Ball valve
11/23/21
4405653 FESTO-4405653 Datasheet
94Kb / 2P
Ball valve
11/23/21
4405690 FESTO-4405690 Datasheet
86Kb / 2P
Ball valve
11/23/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com