Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 13 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 13 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 9Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 10Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 11Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 12Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 13Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 14Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 15Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 16Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 17Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
13
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Figure 2: Advanced Sector Protection Overview
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
19
Data She e t
3.4
Sector Protection Methods
3.4.1
Write Protect Signal
If WP# = VIL, the lowest or highest address sector is protected from program or erase operations independent
of any other ASP configuration. Whether it is the lowest or highest sector depends on the device ordering
option (model) selected. If WP# = VIH, the lowest or highest address sector is not protected by the WP# signal
but it may be protected by other aspects of ASP configuration. WP# has an internal pull-up; when
unconnected, WP# is at VIH.
3.4.2
ASP
Advanced Sector Protection (ASP) is a set of independent hardware and software methods used to disable or
enable programming or erase operations, individually, in any or all sectors. This section describes the various
methods of protecting data stored in the memory array. An overview of these methods is shown in Figure 3.1.
Figure 3.1 Advanced Sector Protection Overview
Every main flash array sector has a non-volatile (PPB) and a volatile (DYB) protection bit associated with it.
When either bit is 0, the sector is protected from program and erase operations.
The PPB bits are protected from program and erase when the PPB Lock bit is 0. There are two methods for
managing the state of the PPB Lock bit, Persistent Protection and Password Protection.
The Persistent Protection method sets the PPB Lock to 1 during POR or Hardware Reset so that the PPB bits
are unprotected by a device reset. There is a command to clear the PPB Lock bit to 0 to protect the PPB bits.
Password Method
(DQ2)
Persistent Method
(DQ1)
Lock Register
(One Time Programmable)
PPB Lock Bit1,2,3
64-bit Password
(One Time Protect)
1 = PPBs Unlocked
0 = PPBs Locked
Memory Array
Sector 0
Sector 1
Sector 2
Sector N-2
Sector N-1
Sector N4
PPB 0
PPB 1
PPB 2
PPB N-2
PPB N-1
PPB N
Persistent
Protection Bit
(PPB)5,6
DYB 0
DYB 1
DYB 2
DYB N-2
DYB N-1
DYB N
Dynamic
Protection Bit
(DYB)7,8,9
7. 0 = Sector Protected,
1 = Sector Unprotected.
8. Protect effective only if corresponding PPB
is “1” (unprotected).
9. Volatile Bits: defaults to user choice upon
power-up (see ordering options).
5. 0 = Sector Protected,
1 = Sector Unprotected.
6. PPBs programmed individually,
but cleared collectively
1. Bit is volatile, and defaults to “1” on reset (to
“0” if in Password Mode).
2. Programming to “0” locks all PPBs to their
current state.
3. Once programmed to “0”, requires hardware
reset to unlock or application of the
password.
4. N = Highest Address Sector.
Everymainflasharraysectorhasanon-volatile(PPB)andavolatile(DYB)protectionbitassociatedwithit.
Wheneitherbitis0,thesectorisprotectedfromprogramanderaseoperations.
hePPBbitsareprotectedfromprogramanderasewhenthePPBLockbitis0.Therearetwomethodsfor
managingthestateofthePPBLockbit,PersistentProtectionandPasswordProtection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com