Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 49 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 49 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 45Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 46Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 47Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 48Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 49Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 50Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 51Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 52Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 53Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
49
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Parameter Description
Test Conditions
Min
Typ2
Max
Unit
ICC5
VCC Reset Current2,7
CE# = VIH, RESET# = VIL, VCC = VCC max
10
20
mA
ICC6
Automatic Sleep Mode3
VIH = VIO, VIL = VSS ,
VCC = VCC max, tACC + 30 ns
3
6
mA
VIH = VIO, VIL = VSS, VCC = VCC max, tASSB
100
150
μA
ICC7
VCC Current during power
up2,6
RESET# = VIO, CE# = VIO, OE# = VIO, VCC = VCC max,
53
80
mA
VIL
Input Low Voltage4
-0.5
0.3 x VIO
V
VIH
Input High Voltage4
0.7 x VIO
VIO + 0.4
V
VOL
Output Low Voltage4,8
IOL = 100 μA for DQ15-DQ0; IOL = 2 mA for RY/BY#
0.15 x VIO
V
VOH
Output High Voltage4
IOH = 100 μA
0.85 x VIO
V
VLKO
Low VCC Lock-Out
Voltage2
2.25
2.5
V
VRST
Low VCC Power on Reset
Voltage2
1.0
V
Notes:
1. ICCactivewhileEmbeddedAlgorithmisinprogress.
2. Not100%tested.
3. Automaticsleepmodeenablesthelowerpowermodewhenaddressesremainstableforthespecified
designatedtime.
4. VIO=1.65VtoVCCor2.7VtoVCCdependingonthemodel.
5. VCC=3VandVIO=3Vor1.8V.WhenVIOisat1.8V,I/Opinscannotoperateat>1.8V.
6. Duringpower-uptherearespikesofcurrentdemand,thesystemneedstobeabletosupplythiscurrent
toinsurethepartinitializescorrectly.
7. Ifanembeddedoperationisinprogressatthestartofreset,thecurrentconsumptionwillremainatthe
embeddedoperationspecificationuntiltheembeddedoperationisstoppedbythereset.Ifnoembedded
operationisinprogresswhenresetisstarted,orfollowingthestoppingofanembeddedoperation,ICC5
willbedrawnduringtheremainderoftRPH.AftertheendoftRPHthedevicewillgotostandbymodeuntil
thenextreadorwrite.
8. Therecommendedpull-upresistorforRY/BY#outputis5kto10kOhms.
Table 18: DC Characteristics (-40°C to +85°C) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com