Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 57 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 57 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 53Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 54Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 55Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 56Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 57Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 58Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 59Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 60Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 61Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
57
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Figure 13: Page Read Timing Diagram
82
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
D a t a S h e e t
Figure 10.5 Back to Back Read (tACC) Operation Timing Diagram
Figure 10.6 Back to Back Read Operation (tRC)Timing Diagram
Note:
Back to Back operations, in which CE# remains Low between accesses, requires an address change to initiate the second access.
Figure 10.7 Page Read Timing Diagram
Note:
Word Configuration: Toggle A0, A1, A2, and A3.
Amax-A0
CE#
OE#
DQ15-DQ0
tACC
tOE
tCE
tDF
tDF
tOH
tOH
tOH
Amax-A0
CE#
OE#
DQ15-DQ0
tRC
tACC
tOE
tCE
tDF
tOH
tOH
Amax-A4
A3-A0
CE#
OE#
DQ15-DQ0
tACC
tOE
tCE
tPACC
Note:WordConfiguration:ToggleA0,A1,A2,andA3.
10.3.2
Asynchronous Write Operations
Parameter
Description
VIO = 2.7V
to VCC
VIO = 1.65V
to VCC
Unit
JEDEC Std
tAVAV
tWC
Write Cycle Time1
Min
60
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tASO
Address Setup Time to OE# Low during toggle bit polling
Min
15
ns
tWLAX
tAH
Address Hold Time
Min
45
ns
tAHT
Address Hold Time From CE# or OE# High during toggle bit polling
Min
0
ns
tDVWH
tDS
Data Setup Time
Min
30
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tOEPH Output Enable High during toggle bit polling or following status register read.
Min
20
ns
tGHWL tGHWL Read Recovery Time Before Write (OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# Setup Time
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
WE# Pulse Width
Min
25
ns
tWHWL
tWPH
WE# Pulse Width High
Min
20
ns
Note:1.Not100%tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com