Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 45 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 45 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 41Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 42Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 43Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 44Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 45Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 46Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 47Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 48Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 49Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
45
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
9
Electrical Specifications
9 .1
Absolute Maximum Ratings
Table 16: Absolute Maximum Ratings
Storage Temperature Plastic Packages
-65°C to +150°C
Ambient Temperature with Power Applied
-65°C to +125°C
Voltage with Respect to Ground
All pins other than RESET#1
-0.5V to (VIO + 0.5V)
RESET#1
-0.5V to (VCC + 0.5V)
Output Short Circuit Current2
100 mA
VCC
-0.5V to +4.0V
VIO
Notes:
1. MinimumDCvoltageoninputorI/Opinsis-0.5V.Duringvoltagetransitions,inputorI/Opinsmay
undershootVSSto-2.0Vforperiodsofupto20ns.SeeFigure5(page48).MaximumDCvoltageon
inputorI/OpinsisVCC+0.5V.Duringvoltagetransitions,inputorI/OpinsmayovershoottoVCC+2.0Vfor
periodsupto20ns.SeeFigure6(page48).
2. Nomorethanoneoutputmaybeshortedtogroundatatime.Durationoftheshortcircuitshouldnotbe
greaterthanonesecond.
3. StressesabovethoselistedunderAbsoluteMaximumRatingsmaycausepermanentdamagetothe
device.Thisisastressratingonly;functionaloperationofthedeviceattheseoranyotherconditions
abovethoseindicatedintheoperationalsectionsofthisdatasheetisnotimplied.Exposureofthedevice
toabsolutemaximumratingconditionsforextendedperiodsmayaffectdevicereliability.
9 .2
Latchup Characteristics
ThisproductcomplieswithJEDECstandardJESD78Clatchuptestingrequirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com