Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 21 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 21 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 17Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 18Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 19Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 20Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 21Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 22Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 23Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 24Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 25Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
21
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
Therearetwocommandsavailableforprogramsuspend.ThelegacycombinedErase/Programsuspend
command(B0hcommandcode)andtheseparateProgramSuspendcommand(51hcommandcode).There
arealsotwocommandsforProgramresume.ThelegacycombinedErase/Programresumecommand(30h
commandcode)andtheseparateProgramResumecommand(50hcommandcode).Itisrecommendedto
usetheseparateprogramsuspendandresumecommandsforprogrammingandusethelegacycombined
commandonlyforerasesuspendandresume.
5.3.3
Blank Check
TheBlankCheckcommandwillconfirmiftheselectedmainflasharraysectoriserased.TheBlankCheck
commanddoesnotallowforreadstothearrayduringtheBlankCheck.Readstothearraywhilethiscommand
isexecutingwillreturnunknowndata.
5.3.4
Erase Methods
5.3.4.1
Chip Erase
ThechiperasefunctionerasestheentiremainFlashMemoryArray.Thedevicedoesnotrequirethesystem
topreprogrampriortoerase.TheEmbeddedErasealgorithmautomaticallyprogramsandverifiestheentire
memoryforanall0datapatternpriortoelectricalerase.Afterasuccessfulchiperase,alllocationswithinthe
devicecontainFFFFh.Thesystemisnotrequiredtoprovideanycontrolsortimingsduringtheseoperations.
Thechiperasecommandsequenceisinitiatedbywritingtwounlockcycles,followedbyasetupcommand.
Twoadditionalunlockwritecyclesarethenfollowedbythechiperasecommand,whichinturninvokesthe
EmbeddedErasealgorithm.WhenWE#goeshigh,attheendofthe6thcycle,theRY/BY#goeslow.
5.3.4.2
Sector Erase
Thesectorerasefunctionerasesonesectorinthememoryarray.Thedevicedoesnotrequirethesystem
topreprogrampriortoerase.TheEmbeddedErasealgorithmautomaticallyprogramsandverifiestheentire
sectorforanall0datapatternpriortoelectricalerase.Afterasuccessfulsectorerase,alllocationswithin
theerasedsectorcontainFFFFh.Thesystemisnotrequiredtoprovideanycontrolsortimingsduringthese
operations.Thesectorerasecommandsequenceisinitiatedbywritingtwounlockcycles,followedbyasetup
command.Twoadditionalunlockwritecyclesarethenfollowedbytheaddressofthesectortobeerased,and
thesectorerasecommand.WhenWE#goeshigh,attheendofthe6thcycle,theRY/BY#goeslow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com