Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MYX29GL01GS11DPIV2 Datasheet(PDF) 48 Page - Micross Components

Part # MYX29GL01GS11DPIV2
Description  Tin-lead ball metallurgy
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MYX29GL01GS11DPIV2 Datasheet(HTML) 48 Page - Micross Components

Back Button MYX29GL01GS11DPIV2 Datasheet HTML 44Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 45Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 46Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 47Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 48Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 49Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 50Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 51Page - Micross Components MYX29GL01GS11DPIV2 Datasheet HTML 52Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
MYX29GL01GS11DPIV2
Revision 1.0 - 01/26/2015
*Advanced information. Subject to change without notice.
48
1Gb GL-S MirrorBit® Eclipse™
Flash Memory
MYX29GL01GS11DPIV2*
Form #: CSI-D-685 Document 001
9.3.4
Input Signal Overshoot
Figure 5: Maximum Negative Overshoot Waveform
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
73
Data She e t
9.3.4
Input Signal Overshoot
Figure 9.3 Maximum Negative Overshoot Waveform
Figure 9.4 Maximum Positive Overshoot Waveform
20 ns
20 ns
20 ns
–2 .0 V
V max
IL
V min
IL
20 ns
20 ns
20 ns
VIO + 2.0 V
V max
IH
V min
IH
Figure 6: Maximum Positive Overshoot Waveform
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
73
Data She e t
9.3.4
Input Signal Overshoot
Figure 9.3 Maximum Negative Overshoot Waveform
Figure 9.4 Maximum Positive Overshoot Waveform
20 ns
20 ns
20 ns
–2 .0 V
V max
IL
V min
IL
20 ns
20 ns
20 ns
VIO + 2.0 V
V max
IH
V min
IH
9 .4
DC Characteristics
Table 18: DC Characteristics (-40°C to +85°C)
Parameter Description
Test Conditions
Min
Typ2
Max
Unit
VSS
Input Load Current
VIN = VSS to VCC, VCC = VCC max
+0.02
±1.0
μA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC max
+0.02
±1.0
μA
ICC1
VCC Active Read Current
CE# = VIL, OE# = VIH, Address switching@ 5 MHz,
VCC = VCC max
55
60
mA
ICC2
VCC Intra-Page Read
Current
CE# = VIL, OE# = VIH, Address switching@ 33 MHz,
VCC = VCC max
9
25
mA
ICC3
VCC Active Erase/Program
Current1,2
CE# = VIL, OE# = VIH, VCC = VCC max
45
100
mA
ICC4
VCC Standby Current
CE#, RESET#, OE# = VIH, VIH = VIO
VIL = VSS, VCC = VCC max
70
100
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com