Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 3 Page - Microchip Technology

Part # USB2227
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2227 Datasheet(HTML) 3 Page - Microchip Technology

  USB2227 Datasheet HTML 1Page - Microchip Technology USB2227 Datasheet HTML 2Page - Microchip Technology USB2227 Datasheet HTML 3Page - Microchip Technology USB2227 Datasheet HTML 4Page - Microchip Technology USB2227 Datasheet HTML 5Page - Microchip Technology USB2227 Datasheet HTML 6Page - Microchip Technology USB2227 Datasheet HTML 7Page - Microchip Technology USB2227 Datasheet HTML 8Page - Microchip Technology USB2227 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
 2007-2016 Microchip Technology Inc.
DS00002256A-page 3
USB2227/USB2228
Table of Contents
1.0 General Description ........................................................................................................................................................................ 4
2.0 Pin Configuration ............................................................................................................................................................................ 5
3.0 Block Diagram ................................................................................................................................................................................. 6
4.0 Pin Descriptions .............................................................................................................................................................................. 7
5.0 DC Parameters ............................................................................................................................................................................. 15
6.0 Package Information ..................................................................................................................................................................... 19
7.0 GPIO Usage .................................................................................................................................................................................. 20
Appendix A: Data Sheet Revision History ........................................................................................................................................... 21
The Microchip Web Site ...................................................................................................................................................................... 22
Customer Change Notification Service ............................................................................................................................................... 22
Customer Support ............................................................................................................................................................................... 22
Product Identification System ............................................................................................................................................................. 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com