Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB2227
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2227 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB2227 Datasheet HTML 6Page - Microchip Technology USB2227 Datasheet HTML 7Page - Microchip Technology USB2227 Datasheet HTML 8Page - Microchip Technology USB2227 Datasheet HTML 9Page - Microchip Technology USB2227 Datasheet HTML 10Page - Microchip Technology USB2227 Datasheet HTML 11Page - Microchip Technology USB2227 Datasheet HTML 12Page - Microchip Technology USB2227 Datasheet HTML 13Page - Microchip Technology USB2227 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
USB2227/USB2228
DS00002256A-page 10
 2007-2016 Microchip Technology Inc.
MS_D[3:2]
22
21
I/O8PD
MS System Data In/Out:
This pin is a bi-directional data signal for the MS device.
The bi-directional data signal has an internal weak pull-down
resistor.
MS_INS
18
IPU
MS Card Insertion:
This pin is the card detection signal from the MS device to
indicate, if the device is inserted.
This pin has an internally controlled weak pull-up resistor.
MS_SCLK
23
O8
MS System CLK:
This pin is an output clock signal to the MS device.
The clock frequency is software configurable.
SD Interface
SD_DAT[3:0]
29
28
27
26
I/O8PU
SD Data 3-0:
These are bi-directional data signals.
These pins have internally controlled weak pull-up resistors.
SD_CLK
31
O8
SD Clock:
This is an output clock signal to SD/MMC device.
The clock frequency is software configurable.
SD_CMD
30
I/O8PU
SD Command:
This is a bi-directional signal that connects to the CMD signal of
SD/MMC device.
This pin has an internally controlled weak pull-up resistor.
SD_nWP
25
IPD
SD Write Protected:
This pin is an input signal with an internal weak pull-down.
This pin has an internally controlled weak pull-down resistor.
USB Interface
USBDM
USBDP
87
88
IO-U
USB Bus Data:
These pins connect to the USB bus data signals.
RBIAS
98
I
USB Transceiver Bias:
A 12.0k
,  1.0% resistor is attached from VSSA to this pin, in
order to set the transceiver’s internal bias currents.
ATEST
99
AIO
Analog Test:
This signal is used for testing the analog section of the chip and
should be connected to VDDA33 for normal operation.
VDD18PLL
101
1.8v Power for the PLL
VSSPLL
104
PLL Ground Reference:
Ground Reference for 1.8v PLL power
VDDA33
89
3.3v Analog Power
VSSA
86
Analog Ground Reference:
Analog Ground Reference for 3.3v Analog Power.
Symbol
128-Pin
VTQFP
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com