Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 9 Page - Microchip Technology

Part # USB2227
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2227 Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB2227 Datasheet HTML 5Page - Microchip Technology USB2227 Datasheet HTML 6Page - Microchip Technology USB2227 Datasheet HTML 7Page - Microchip Technology USB2227 Datasheet HTML 8Page - Microchip Technology USB2227 Datasheet HTML 9Page - Microchip Technology USB2227 Datasheet HTML 10Page - Microchip Technology USB2227 Datasheet HTML 11Page - Microchip Technology USB2227 Datasheet HTML 12Page - Microchip Technology USB2227 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
 2007-2016 Microchip Technology Inc.
DS00002256A-page 9
USB2227/USB2228
SM_nWE
82
O8PU
SM Write Enable:
This pin is an active low write strobe signal for SM device.
When using the internal FET, this pin has an internal weak pull-
up resistor that is tied to the output of the internal Power FET.
08
If an external FET is used (Internal FET is disabled), then the
internal pull-up is not available (external pull-ups must be used,
and should be connected to the applicable Card Power Supply).
SM_nWPS
76
IPU
SM Write Protect Switch:
A write-protect seal is detected, when this pin is low.
This pin has an internally controlled weak pull-up resistor.
SM_nB/R
77
I
SM Busy or Data Ready:
This pin is connected to the BSY/RDY pin of the SM device.
An external pull-up resistor is required on this signal. The pull-up
resistor must be pulled up to the same power source that powers
the SM/NAND flash device.
SM_nCE
83
O8PU
SM Chip Enable:
This pin is the active low chip enable signal to the SM device.
When using the internal FET, this pin has an internal weak pull-
up resistor that is tied to the output of the internal Power FET.
08
If an external FET is used (Internal FET is disabled), then the
internal pull-up is not available (external pull-ups must be used,
and should be connected to the applicable Card Power Supply).
SM_nCD
78
IPU
SM Card Detection:
This is the card detection signal from SM device to indicate if the
device is inserted.
This pin has an internally controlled weak pull-up resistor.
Memory Stick Interface
MS_BS
24
O8
MS Bus State:
This pin is connected to the BS pin of the MS device.
It is used to control the Bus States 0, 1, 2 and 3 (BS0, BS1, BS2
and BS3) of the MS device.
MS_SDIO/MS_D
0
19
I/O8PD
MS System Data In/Out:
This pin is a bi-directional data signal for the MS device.
Most significant bit (MSB) of each byte is transmitted first by
either MSC or MS device.
The bi-directional data signal has an internal weak pull-down
resistor.
MS_D1
20
I/O8PD
MS System Data In/Out:
This pin is a bi-directional data signal for the MS device.
This pin has internally controlled weak pull-up and pull-down
resistors for various operational modes.
Symbol
128-Pin
VTQFP
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com