Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB2227
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2227 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB2227 Datasheet HTML 10Page - Microchip Technology USB2227 Datasheet HTML 11Page - Microchip Technology USB2227 Datasheet HTML 12Page - Microchip Technology USB2227 Datasheet HTML 13Page - Microchip Technology USB2227 Datasheet HTML 14Page - Microchip Technology USB2227 Datasheet HTML 15Page - Microchip Technology USB2227 Datasheet HTML 16Page - Microchip Technology USB2227 Datasheet HTML 17Page - Microchip Technology USB2227 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
USB2227/USB2228
DS00002256A-page 14
 2007-2016 Microchip Technology Inc.
Note 1: Hot-insertion capable card connectors are required for all flash media. It is required for SD connector to have
Write Protect switch. This allows the chip to detect MMC card.
2: nMCE is normally asserted except when the 8051 is in standby mode.
3: VDD18 (Pin 106) and VDD18PLL (Pin 101) must have a 10uF +/-20% Low-ESR (equivalent series resis-
tance) <0.1 ohm bypass capacitor to VSSA. These capacitors must be as close to these pins as possible.
4.2
Buffer Type Descriptions
nTEST[1:0]
95
96
I
TEST input:
These signals are used for testing the chip. User should normally
tie them high externally, if the test function is not used.
Digital Power, Grounds and no Connects
VDD18
49
106
1.8v Digital Core Power:
+1.8V Core power
All VDD18 pins must be connected together on the circuit board.
VDD33
3
43
80
100
108
3.3v Power & Voltage Regulator Input:
3.3V Power & Regulator Input.
Pins 100 & 108 supply 3.3V power to the internal 1.8V regulators.
VSS
15
16
47
84
85
97
112
Ground:
Ground Reference
TABLE 4-1:
USB2227/USB2228 BUFFER TYPE DESCRIPTIONS
Buffer
Description
I
Input
IPU
Input with internal weak pull-up resistor.
IPD
Input with internal weak pull-down resistor.
IS
Input with Schmitt trigger
I/O8
Input/Output buffer with 8mA sink and 8mA source.
I/O8PU
Input/Output buffer with 8mA sink and 8mA source, with an
internal weak pull-up resistor.
I/O8PD
Input/Output buffer with 8mA sink and 8mA source, with an
internal weak pull-down resistor.
O8
Output buffer with 8mA sink and 8mA source.
O8PU
Output buffer with 8mA sink and 8mA source, with an internal
weak pull-up resistor.
O8PD
Output buffer with 8mA sink and 8mA source, with an internal
weak pull-down resistor.
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I/O-U
Analog Input/Output Defined in USB specification
AIO
Analog Input/Output
Symbol
128-Pin
VTQFP
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com