Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB2227
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2227 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB2227 Datasheet HTML 8Page - Microchip Technology USB2227 Datasheet HTML 9Page - Microchip Technology USB2227 Datasheet HTML 10Page - Microchip Technology USB2227 Datasheet HTML 11Page - Microchip Technology USB2227 Datasheet HTML 12Page - Microchip Technology USB2227 Datasheet HTML 13Page - Microchip Technology USB2227 Datasheet HTML 14Page - Microchip Technology USB2227 Datasheet HTML 15Page - Microchip Technology USB2227 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
USB2227/USB2228
DS00002256A-page 12
 2007-2016 Microchip Technology Inc.
MA[1:0]/CLK_SE
L[1:0]
117
116
I/O8PD
Memory Address Bus:
MA[1:0], These signals address memory locations within the
external memory.
SEL[1:0]. During nRESET assertion, these pins will select the
operating frequency of the external clock, and the corresponding
weak pull-down resistors are enabled. When nRESET is negated,
the value on these pins will be internal latched and these pins will
revert to MA[1:0] functionality, the internal pull-downs will be
disabled.
SEL[1:0] = ‘00’. 24MHz
SEL[1:0] = ‘01’. RESERVED
SEL[1:0] = ‘10’. RESERVED
SEL[1:0] = ‘11’. 48MHz
Note:
If the latched value is ‘1’, then the corresponding MA
pin is tri-stated when the following conditions are true:
1. IDLE bit (PCON.0) is 1.
2. INT2 is negated
3. SLEEP bit of CLOCK_SEL is 1.
If the latched value is ‘0’, then the corresponding MA pin will
function identically to the MA[15:3] pins at all times (other than
during nRESET assertion).
nMWR
14
O8
Memory Write Strobe:
Program Memory Write; active low
nMRD
13
O8
Memory Read Strobe:
Program Memory Read; active low
nMCE
17
O8
Memory Chip Enable:
Program Memory Chip Enable; active low.
This signal is asserted, when any of the following conditions are
no longer met:
1. IDLE bit (PCON.0) is 1.
2. INT2 is negated
3. SLEEP bit of CLOCK_SEL is 1.
Note:
This signal is held to a logic ‘high’ while nRESET is
asserted.
MISC
GPIO1
114
I/O8
General Purpose I/O:
This pin may be used either as input, edge sensitive interrupt
input, or output.
GPIO2
113
I/O8
General Purpose I/O:
This pin may be used either as input, edge sensitive interrupt
input, or output.
GPIO3
94
I/O8
General Purpose I/O:
This pin may be used either as input, edge sensitive interrupt
input, or output.
GPIO4
111
I/O8
General Purpose I/O:
This pin may be used either as input, edge sensitive interrupt
input, or output.
Symbol
128-Pin
VTQFP
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com