Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB2227
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2227 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB2227 Datasheet HTML 14Page - Microchip Technology USB2227 Datasheet HTML 15Page - Microchip Technology USB2227 Datasheet HTML 16Page - Microchip Technology USB2227 Datasheet HTML 17Page - Microchip Technology USB2227 Datasheet HTML 18Page - Microchip Technology USB2227 Datasheet HTML 19Page - Microchip Technology USB2227 Datasheet HTML 20Page - Microchip Technology USB2227 Datasheet HTML 21Page - Microchip Technology USB2227 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
USB2227/USB2228
DS00002256A-page 18
 2007-2016 Microchip Technology Inc.
Note 5-1
Output leakage is measured with the current pins in high impedance.
Note 5-2
See Appendix A for USB DC electrical characteristics.
Note 5-3
The Maximum power dissipation parameters of the package should not be exceeded
Note 5-4
The assignment of each Integrated Card Power FET to a designated Card Connector is controlled
by both firmware and the specific board implementation. Firmware will default to the settings listed in
Table 7-1, “GPIO Usage (ROM Rev -11),” on page 20.
5.4
Capacitance
TA = 25°C; fc = 1MHz; VDD18, VDD18PLL = 1.8V
Integrated Power FET for
GPIO11 (only when used with
Firmware version -04 or later)
Output Current
Short Circuit Current Limit
On Resistance
Output Voltage Rise Time
IOUT
ISC
RDSON
tDSON
200
181
2.1
800
mA
mA
s
GPIO11;
VdropFET = 0.46V
GPIO11;
VoutFET = 0V
GPIO11;
IFET = 70mA
GPIO11;
CLOAD = 10F
Supply Current Unconfigured
ICCINIT
55
80
mA
Supply Current Active
(Full Speed)
ICC
75
90
mA
Supply Current Active
(High Speed)
ICC
75
100
mA
Supply Current Standby
ICSBY
305
420
µA
Limits
Parameter
Symbol
MIN
TYP
MAX
Unit
Test Condition
Clock Input Capacitance
CIN
20
pF
All pins except USB pins (and
pins under test tied to AC
ground)
Input Capacitance
CIN
10
pF
Output Capacitance
COUT
20
pF
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com