Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 7 Page - Microchip Technology

Part # USB2227
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2227 Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB2227 Datasheet HTML 3Page - Microchip Technology USB2227 Datasheet HTML 4Page - Microchip Technology USB2227 Datasheet HTML 5Page - Microchip Technology USB2227 Datasheet HTML 6Page - Microchip Technology USB2227 Datasheet HTML 7Page - Microchip Technology USB2227 Datasheet HTML 8Page - Microchip Technology USB2227 Datasheet HTML 9Page - Microchip Technology USB2227 Datasheet HTML 10Page - Microchip Technology USB2227 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
 2007-2016 Microchip Technology Inc.
DS00002256A-page 7
USB2227/USB2228
4.0
PIN DESCRIPTIONS
This section provides a detailed description of each signal. The signals are arranged in functional groups according to
their associated interface.
The “n” symbol in the signal name indicates that the active, or asserted state occurs when the signal is at a low voltage
level. When “n” is not present before the signal name, the signal is asserted when at the high voltage level.
The terms assertion and negation are used exclusively. This is done to avoid confusion when working with a mixture of
“active low” and “active high” signal. The term assert, or assertion indicates that a signal is active, independent of
whether that level is represented by a high or low voltage. The term negate, or negation indicates that a signal is inactive.
4.1
PIN Descriptions
Symbol
128-Pin
VTQFP
Buffer Type
Description
CompactFlash (In True IDE Mode) Interface
CF_nCS1
61
O8PU
CF Chip Select 1:
This pin is the active low chip select 1 signal for the CF ATA
device.
CF_nCS0
60
O8PU
CF Chip Select 0:
This pin is the active low chip select 0 signal for the task file
registers of CF ATA device in the True IDE mode.
CF_SA2
64
O8
CF Register Address 2:
This pin is the register select address bit 2 for the CF ATA device.
CF_SA1
63
O8
CF Register Address 1:
This pin is the register select address bit 1 for the CF ATA device.
CF_SA0
62
O8
CF Register Address 0:
This pin is the register select address bit 0 for the CF ATA device.
CF_IRQ
55
IPD
CF Interrupt:
This is the active high interrupt request signal from the CF device.
CF_D[15:8]
52
51
50
48
46
45
41
40
I/O8PD
CF Data 15-8:
The bi-directional data signals CF_D15-CF_D8 in True IDE mode
data transfer.
In the True IDE Mode, all of task file register operation occur on
the CF_D[7:0], while the data transfer is on CF_D[15:0].
The bi-directional data signal has an internal weak pull-down
resistor.
CF_D[7:0]
39
38
37
36
35
34
33
32
I/O8PD
CF Data 7-0:
The bi-directional data signals CF_D7-CF_D0 in the True IDE
mode data transfer.
In the True IDE Mode, all of task file register operation occur on
the CF_D[7:0], while the data transfer is on CF_D[15:0].
The bi-directional data signal has an internal weak pull-down
resistor.
CF_IORDY
56
IPU
IO Ready:
This pin is active high input signal.
This pin has an internally controlled weak pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com