Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB2227
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2227 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB2227 Datasheet HTML 4Page - Microchip Technology USB2227 Datasheet HTML 5Page - Microchip Technology USB2227 Datasheet HTML 6Page - Microchip Technology USB2227 Datasheet HTML 7Page - Microchip Technology USB2227 Datasheet HTML 8Page - Microchip Technology USB2227 Datasheet HTML 9Page - Microchip Technology USB2227 Datasheet HTML 10Page - Microchip Technology USB2227 Datasheet HTML 11Page - Microchip Technology USB2227 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
USB2227/USB2228
DS00002256A-page 8
 2007-2016 Microchip Technology Inc.
CF_nCD2
54
IPU
CF Card Detection2:
This card detection pin is connected to the ground on the CF
device, when the CF device is inserted.
This pin has an internally controlled weak pull-up resistor.
CF_nCD1
53
IPU
CF Card Detection1:
This card detection pin is connected to ground on the CF device,
when the CF device is inserted.
This pin has an internally controlled weak pull-up resistor.
CF_nRESET
59
O8
CF Hardware Reset:
This pin is an active low hardware reset signal to CF device.
CF_nIOR
57
O8
CF IO Read:
This pin is an active low read strobe signal for CF device.
CF_nIOW
58
O8
CF IO Write Strobe:
This pin is an active low write strobe signal for CF device.
SmartMedia Interface
SM_nWP
74
O8PD
SM Write Protect:
This pin is an active low write protect signal for the SM device.
This pin has a weak pull-down resistor that is permanently
enabled.
SM_ALE
73
O8PD
SM Address Strobe:
This pin is an active high Address Latch Enable signal for the SM
device.
This pin has a weak pull-down resistor that is permanently
enabled.
SM_CLE
75
O8PD
SM Command Strobe:
This pin is an active high Command Latch Enable signal for the
SM device.
This pin has a weak pull-down resistor that is permanently
enabled.
SM_D[7:0]
72
71
70
69
68
67
66
65
I/O8PD
SM Data 7-0:
These pins are the bi-directional data signal SM_D7-SM_D0.
The bi-directional data signal has an internal weak pull-down
resistor.
SM_nRE
81
08PU
SM Read Enable:
This pin is an active low read strobe signal for SM device.
When using the internal FET, this pin has an internal weak pull-
up resistor that is tied to the output of the internal Power FET.
08
If an external FET is used (Internal FET is disabled), then the
internal pull-up is not available (external pull-ups must be used,
and should be connected to the applicable Card Power Supply).
Symbol
128-Pin
VTQFP
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com