Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB2227
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2227 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB2227 Datasheet HTML 7Page - Microchip Technology USB2227 Datasheet HTML 8Page - Microchip Technology USB2227 Datasheet HTML 9Page - Microchip Technology USB2227 Datasheet HTML 10Page - Microchip Technology USB2227 Datasheet HTML 11Page - Microchip Technology USB2227 Datasheet HTML 12Page - Microchip Technology USB2227 Datasheet HTML 13Page - Microchip Technology USB2227 Datasheet HTML 14Page - Microchip Technology USB2227 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
 2007-2016 Microchip Technology Inc.
DS00002256A-page 11
USB2227/USB2228
XTAL1/
CLKIN
102
ICLKx
Crystal Input/External Clock Input:
24Mhz Crystal or external clock input.
This pin can be connected to one terminal of the crystal or can
be connected to an external 24Mhz clock when a crystal is not
used.
Note:
The MA[2:0] pins will be sampled while nRESET is
asserted, and the value will be latched upon nRESET
negation. This will determine the clock source and
value.
XTAL2
103
OCLKx
Crystal Output:
24Mhz Crystal
This is the other terminal of the crystal, or left open when an
external clock source is used to drive XTAL1/CLKIN. It may not
be used to drive any external circuitry other than the crystal
circuit.
Memory I/O Interface
MD[7:0]
12
11
10
9
8
7
6
5
I/O8PU
Memory Data Bus:
When ROMEN bit of GPIO_IN1 register = 0, these signals are
used to transfer data between the internal CPU and the external
program memory.
These pins have internally controlled weak pull-up resistors.
MA[15:3]
4
2
1
128
127
126
125
124
123
122
121
120
119
O8
Memory Address Bus:
These signals address memory locations within the external
memory.
MA2/
SEL_CLKDRV
118
I/O8PD
Memory Address Bus:
MA2 Addresses memory locations within the external memory.
SEL_CLKDRV. During nRESET assertion, this pins will select the
operating clock mode (crystal or externally driven clock source),
and a weak pull-down resistor is enabled. When nRESET is
negated, the value will be internally latched and this pin will revert
to MA2 functionality, the internal pull-down will be disabled.
‘0’ = Crystal operation (24MHz only)
‘1’ = Externally driven clock source (24MHz or 48MHz)
Note:
If the latched value is ‘1’, then the MA2 pin is tri-stated
when the following conditions are true:
1. IDLE bit (PCON.0) is 1.
2. INT2 is negated
3. SLEEP bit of CLOCK_SEL is 1.
If the latched value is ‘0’, then the MA2 pin will function identically
to the MA[15:3] pins at all times (other than during nRESET
assertion).
Symbol
128-Pin
VTQFP
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com