Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB2227
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2227 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB2227 Datasheet HTML 9Page - Microchip Technology USB2227 Datasheet HTML 10Page - Microchip Technology USB2227 Datasheet HTML 11Page - Microchip Technology USB2227 Datasheet HTML 12Page - Microchip Technology USB2227 Datasheet HTML 13Page - Microchip Technology USB2227 Datasheet HTML 14Page - Microchip Technology USB2227 Datasheet HTML 15Page - Microchip Technology USB2227 Datasheet HTML 16Page - Microchip Technology USB2227 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
 2007-2016 Microchip Technology Inc.
DS00002256A-page 13
USB2227/USB2228
GPIO5
110
I/O8
General Purpose I/O:
This pin may be used either as input, edge sensitive interrupt
input, or output.
GPIO6/
ROMEN
109
IPU
GPIO6, ROMEN:
This pin has an internal weak pull-up resistor that is enabled or
disabled by the state of nRESET.
The pull-up is enabled when nRESET is active.
The pull-up is disabled, when the nRESET is inactive (some clock
cycles later, after the rising edge of nRESET).
The state of this pin is latched internally on the rising edge of
nRESET to determine if internal or external program memory is
used.
The state latched is stored in ROMEN bit of GPIO_IN1 register.
I/O8
After the rising edge of nRESET, this pin may be used as GPIO6
or RXD.
When pulled low via an external weak pull-down resistor, an
external program memory should be connected to the memory
data bus. The USB2227/USB2228 uses this external bus for
program execution.
When this pin is left unconnected or pulled high by a weak pull-
up resistor, the USB2227/USB2228 uses the internal ROM for
program execution.
GPIO7
107
I/O8
General Purpose I/O:
This pin may be used either as input, edge sensitive interrupt
input, or output.
GPIO8/
CRD_PWR0
42
I/O8
General Purpose I/O or Card Power:
GPIO: This pin may be used either as input, edge sensitive
interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ 100mA.
GPIO9
105
I/O8
General Purpose I/O:
This pin may be used either as input, edge sensitive interrupt
input, or output.
GPIO10/
CRD_PWR1
79
I/O8
General Purpose I/O or Card Power:
GPIO: These pins may be used either as input, edge sensitive
interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ 100mA.
GPIO11/
CRD_PWR2
44
I/O8
General Purpose I/O or Card Power:
GPIO: This pin may be used either as input, edge sensitive
interrupt input, or output.
CRD_PWR: Card Power drive of 3.3V @ 200mA.
GPIO[15:12]
90
91
92
93
I/O8
General Purpose I/O:
These pins may be used either as input, or output.
nRESET
115
IS
RESET input:
This active low signal is used by the system to reset the chip. The
active low pulse should be at least 1
s wide.
Symbol
128-Pin
VTQFP
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com