Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89218 Datasheet(PDF) 33 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 33 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 29Page - Microchip Technology LAN89218 Datasheet HTML 30Page - Microchip Technology LAN89218 Datasheet HTML 31Page - Microchip Technology LAN89218 Datasheet HTML 32Page - Microchip Technology LAN89218 Datasheet HTML 33Page - Microchip Technology LAN89218 Datasheet HTML 34Page - Microchip Technology LAN89218 Datasheet HTML 35Page - Microchip Technology LAN89218 Datasheet HTML 36Page - Microchip Technology LAN89218 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 33
LAN89218
3.8
General Purpose Timer (GP Timer)
The General Purpose Timer is a programmable block that can be used to generate periodic host interrupts. The
resolution of this timer is 100 µs.
The GP Timer loads the GPT_CNT Register with the value in the GPT_LOAD field and begins counting down when
the TIMER_EN bit is set to a ‘1.’ On a reset, or when the TIMER_EN bit changes from set ‘1’ to cleared ‘0,’ the
GPT_LOAD field is initialized to FFFFh. The GPT_CNT register is also initialized to FFFFh on a reset. Software can
write the pre-load value into the GPT_LOAD field at any time; e.g., before or after the TIMER_EN bit is asserted.
The GPT Enable bit TIMER_EN is located in the GPT_CFG register.
Once enabled, the GPT counts down either until it reaches 0000h or until a new pre-load value is written to the
GPT_LOAD field. At 0000h, the counter wraps around to FFFFh, asserts the GPT interrupt status bit and the IRQ
signal if the GPT_INT_EN bit is set, and continues counting. The GPT interrupt status bit is in the INT_STS Register.
The GPT_INT hardware interrupt can only be set if the GPT_INT_EN bit is set. GPT_INT is a sticky bit (R/WC); i.e.,
once the GPT_INT bit is set, it can only be cleared by writing a ‘1’ to the bit.
3.9
EEPROM Interface
The LAN89218 can optionally load its MAC address from an external serial EEPROM. If a properly configured
EEPROM is detected by the LAN89218 at power-up, hard reset or soft reset, the ADDRH and ADDRL registers will
be loaded with the contents of the EEPROM. If a properly configured EEPROM is not detected, it is the responsibility
of the host LAN Driver to set the IEEE addresses.
The LAN89218 EEPROM controller also allows the host system to read, write and erase the contents of the Serial
EEPROM. The EEPROM controller supports most “93C46” type EEPROMs configured for 128 x 8-bit operation.
TABLE 3-8:
32-BIT ENDIAN ORDERING LOGIC OPERATION
Host Data Bus
D[31:24]
D[23:16]
D[15:8]
D[7:0]
END_SEL = 0
3210
END_SEL = 1
0
1
2
3
TABLE 3-9:
16-BIT ENDIAN ORDERING LOGIC OPERATION
Host Data Bus
D[15:8]
D[7:0]
END_SEL = 0
A1 = 1
32
A1 = 0
10
END_SEL = 1
A1 = 1
0
1
A1 = 0
2
3
END_SEL = 0
A1 = 1
10
A1 = 0
32
END_SEL = 1
A1 = 1
2
3
A1 = 0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com