Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89218 Datasheet(PDF) 82 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 82 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 78Page - Microchip Technology LAN89218 Datasheet HTML 79Page - Microchip Technology LAN89218 Datasheet HTML 80Page - Microchip Technology LAN89218 Datasheet HTML 81Page - Microchip Technology LAN89218 Datasheet HTML 82Page - Microchip Technology LAN89218 Datasheet HTML 83Page - Microchip Technology LAN89218 Datasheet HTML 84Page - Microchip Technology LAN89218 Datasheet HTML 85Page - Microchip Technology LAN89218 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 148 page
background image
LAN89218
DS60001255B-page 82
 2008-2015 Microchip Technology Inc.
5.3.9
HW_CFG—HARDWARE CONFIGURATION REGISTER
Offset:
74h
Size:
32 bits
Note:
The transmitter and receiver must be stopped before writing to this register. Refer to Section 3.12.8 and
Section 3.13.4 for details on stopping the transmitter and receiver.
Bits
Description
Type
Default
31:25
Reserved
RO
-
24
AMDIX_EN Strap State. This read-only bit reflects the state of the AMDIX-
_EN strap pin (pin 73). This pin can be overridden by PHY Registers 27.15
and 27.13.
RO
AMDIX
Strap
Pin
23:21
Reserved
RO
20
Must Be One (MBO). This bit must be set to “1” for normal device operation.
R/W
0
19:16
TX FIFO Size (TX_FIF_SZ). Sets the size of the TX FIFOs in 1 kB values to a
maximum of 14 kB. The TX Status FIFO consumes 512 bytes of the space
allocated by TX_FIF_SIZ, and the TX data FIFO consumes the remaining
space specified by TX_FIF_SZ. The minimum size of the TX FIFOs is 2 kB
(TX data and status combined). The TX data FIFO is used for both TX data
and TX commands.
The RX status and data FIFOs consume the remaining space, which is equal
to 16 kB – TX_FIF_SIZ. See Section 5.3.9.1 for more information.
R/W
5h
15:3
Reserved
RO
-
2
32/16-bit Mode. When set, the LAN89218 is set for 32-bit operation. When
clear, it is configured for 16-bit operation. This field is the value of the D32/
nD16 strap.
RO
-
1
Soft Reset Time-out (SRST_TO). If a software reset is attempted when the
internal PHY is not in the operational state (RX_CLK and TX_CLK running),
the reset will not complete and the soft reset operation will time-out and this
bit will be set to a ‘1’. The host processor must correct the problem and issue
another soft reset.
RO
0
0
Soft Reset (SRST). Writing 1 generates a software initiated reset. This reset
generates a full reset of the MAC CSR’s. The SCSRs (system command and
status registers) are reset except for any NASR bits. Soft reset also clears
any TX or RX errors (TXE/RXE). This bit is self-clearing.
Note:
Do not attempt a soft reset unless the internal PHY is fully awake
and operational. After a PHY reset, or when returning from a
reduced power state, the PHY must be given adequate time to
return to the operational state before a soft reset can be issued.
The internal RX_CLK and TX_CLK signals must be running for a
proper software reset. Refer to Section 6.8 for details on PHY
reset timing.
Note:
The LAN89218 must always be read at least once after power-up,
reset, or upon return from a power-saving state or write operations
will not function.
SC
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com