Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89218 Datasheet(PDF) 49 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 49 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 45Page - Microchip Technology LAN89218 Datasheet HTML 46Page - Microchip Technology LAN89218 Datasheet HTML 47Page - Microchip Technology LAN89218 Datasheet HTML 48Page - Microchip Technology LAN89218 Datasheet HTML 49Page - Microchip Technology LAN89218 Datasheet HTML 50Page - Microchip Technology LAN89218 Datasheet HTML 51Page - Microchip Technology LAN89218 Datasheet HTML 52Page - Microchip Technology LAN89218 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 49
LAN89218
3.12.3.1
TX Buffer Fragmentation Rules
Transmit buffers must adhere to the following rules:
• Each buffer can start and end on any arbitrary byte alignment
• The first buffer of any transmit packet can be any length
• Middle buffers (i.e., those with First Segment = Last Segment = 0) must be greater than, or equal to 4 bytes in
length
• The final buffer of any transmit packet can be any length
The MIL operates in store-and-forward mode and has specific rules with respect to fragmented packets. The total
space consumed in the TX FIFO (MIL) must be limited to no more than 2KB - 3 DWORDs (2,036 bytes total). Any
transmit packet that is so highly fragmented that it takes more space than this must be un-fragmented (by copying
to a driver-supplied buffer) before the transmit packet can be sent to the LAN89218.
One approach to determine whether a packet is too fragmented is to calculate the actual amount of space that it will
consume, and check it against 2,036 bytes. Another approach is to check the number of buffers against a worst-case
limit of 86 (see explanation below).
3.12.3.2
Calculating Worst-Case TX FIFO (MIL) Usage
The actual space consumed by a buffer in the MIL TX FIFO consists only of any partial DWORD offsets in the first/
last DWORD of the buffer, plus all of the whole DWORDs in between. Any whole DWORD offsets and/or alignments
are stripped off before the buffer is loaded into the TX Data FIFO, and TX command words are stripped off before
the buffer is written to the MIL TX FIFO, so none of those DWORDs count as space consumed. The worst-case
overhead for a TX buffer is 6 bytes, which assumes that it started on the high byte of a DWORD and ended on the
low byte of a DWORD. A TX packet consisting of 86 such fragments would have an overhead of 516 bytes (6 * 86)
which, when added to a 1514-byte max-size transmit packet (1516 bytes, rounded up to the next whole DWORD),
would give a total space consumption of 2,032 bytes, leaving 4 bytes to spare; this is the basis for the "86 fragment"
rule mentioned above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com