Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89218 Datasheet(PDF) 87 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 87 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 83Page - Microchip Technology LAN89218 Datasheet HTML 84Page - Microchip Technology LAN89218 Datasheet HTML 85Page - Microchip Technology LAN89218 Datasheet HTML 86Page - Microchip Technology LAN89218 Datasheet HTML 87Page - Microchip Technology LAN89218 Datasheet HTML 88Page - Microchip Technology LAN89218 Datasheet HTML 89Page - Microchip Technology LAN89218 Datasheet HTML 90Page - Microchip Technology LAN89218 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 87
LAN89218
3
PME indication (PME_IND). The PME signal can be configured as a pulsed
output or a static signal, which is asserted upon detection of a wake-up event.
When set, the PME signal will pulse active for 50 ms upon detection of a wake-
up event.
When clear, the PME signal is driven continuously upon detection of a wake-up
event.
The PME signal can be deactivated by clearing the WUPS bits, or by clearing
the appropriate enable (refer to Section 3.10.2.3).
R/W
0b
2
PME Polarity (PME_POL). This bit controls the polarity of the PME signal.
When set, the PME output is an active high signal. When reset, it is active low.
When PME is configured as an open-drain output this field is ignored, and the
output is always active low.
R/W
NASR
0b
1
PME Enable (PME_EN). When set, this bit enables the external PME signal.
This bit does not affect the PME interrupt (PME_INT).
R/W
0b
0
Device Ready (READY). When set, this bit indicates that LAN89218 is ready
to be accessed. This register can be read when LAN89218 is in any power
management mode. Upon waking from any power management mode, includ-
ing power-up, the host processor can interrogate this field as an indication
when LAN89218 has stabilized and is fully alive. Reads and writes of any other
address are invalid until this bit is set.
Note:
With the exception of HW_CFG and PMT_CTRL, read access to
any internal resources is forbidden while the READY bit is cleared.
RO
-
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com