Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89218 Datasheet(PDF) 39 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 39 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 35Page - Microchip Technology LAN89218 Datasheet HTML 36Page - Microchip Technology LAN89218 Datasheet HTML 37Page - Microchip Technology LAN89218 Datasheet HTML 38Page - Microchip Technology LAN89218 Datasheet HTML 39Page - Microchip Technology LAN89218 Datasheet HTML 40Page - Microchip Technology LAN89218 Datasheet HTML 41Page - Microchip Technology LAN89218 Datasheet HTML 42Page - Microchip Technology LAN89218 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 39
LAN89218
WRAL (Write All): If erase/write operations are enabled in the EEPROM, this command will cause the contents of
the E2P_DATA register to be written to every EEPROM memory location. The EPC_TO bit is set if the EEPROM
does not respond within 30 ms.
Table 3-10 shows the number of EECLK cycles required for each EEPROM operation.
3.9.2.2
MAC Address Reload
The MAC address can be reloaded from the EEPROM via a host command to the E2P_CMD register. If a value of
0xA5h is not found in the first address of the EEPROM, the EEPROM is assumed to be un-programmed and MAC
Address Reload operation will fail. The “MAC Address Loaded” bit indicates a successful load of the MAC address.
The EPC_LOAD bit is set after a successful reload of the MAC address.
3.9.2.3
EEPROM Command and Data Registers
Refer to Section 5.3.23 and Section 5.3.24 for a detailed description of these registers. Supported EEPROM
operations are described in these sections.
3.9.2.4
EEPROM Timing
Refer to Section 6.9 for detailed EEPROM timing specifications.
FIGURE 3-18:
EEPROM WRAL CYCLE
TABLE 3-10:
REQUIRED EECLK CYCLES
Operation
Required EECLK Cycles
ERASE
10
ERAL
10
EWDS
10
EWEN
10
READ
18
WRITE
18
WRAL
18
0
EECLK
EEDIO (INPUT)
EEDIO (OUTPUT)
EECS
1
D7
D0
0
01
t
CSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com