Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89218 Datasheet(PDF) 16 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 16 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 12Page - Microchip Technology LAN89218 Datasheet HTML 13Page - Microchip Technology LAN89218 Datasheet HTML 14Page - Microchip Technology LAN89218 Datasheet HTML 15Page - Microchip Technology LAN89218 Datasheet HTML 16Page - Microchip Technology LAN89218 Datasheet HTML 17Page - Microchip Technology LAN89218 Datasheet HTML 18Page - Microchip Technology LAN89218 Datasheet HTML 19Page - Microchip Technology LAN89218 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 148 page
background image
LAN89218
DS60001255B-page 16
 2008-2015 Microchip Technology Inc.
2.2
Buffer Types
TABLE 2-7:
BUFFER TYPES
Type
Description
I
Input pin
IS
Schmitt triggered Input
O12
Output with 12 mA sink and 12 mA source
OD12
Open-drain output with 12 mA sink
OD8
Open-drain output with 8 mA sink
O8
Output 8 mA symmetrical drive
PU
50 µA (typical) internal pull-up
PD
50 µA (typical) internal pull-down
AI
Analog input
AO
Analog output
AIO
Analog bi-directional
ICLK
Crystal oscillator input pin
OCLK
Crystal oscillator output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com