Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89218 Datasheet(PDF) 13 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 13 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 9Page - Microchip Technology LAN89218 Datasheet HTML 10Page - Microchip Technology LAN89218 Datasheet HTML 11Page - Microchip Technology LAN89218 Datasheet HTML 12Page - Microchip Technology LAN89218 Datasheet HTML 13Page - Microchip Technology LAN89218 Datasheet HTML 14Page - Microchip Technology LAN89218 Datasheet HTML 15Page - Microchip Technology LAN89218 Datasheet HTML 16Page - Microchip Technology LAN89218 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 13
LAN89218
General Purpose
I/O data,
nLED1 (Speed
Indicator),
nLED2 (Link &
Activity Indicator),
nLED3 (Full-
Duplex Indicator).
GPIO[2:0]/
nLED[3:1]
IS/O12/
OD12
3
General Purpose I/O data: These three general-
purpose signals are fully programmable as either
push-pull output, open-drain output or input by
writing the GPIO_CFG configuration register in
the CSR’s. They are also multiplexed as GP LED
connections.
GPIO signals are Schmitt-triggered inputs. When
configured as LED outputs these signals are
open-drain and the input buffers are disabled.
nLED1 (Speed Indicator). This signal is driven
low when the operating speed is 100 Mbps.
During auto-negotiation, when the cable is dis-
connected, and during 10 Mbps operation, this
signal is driven high.
nLED2 (Link & Activity Indicator). This signal is
driven low (LED on) when the LAN89218 detects
a valid link. This signal is pulsed high (LED off) for
80 ms whenever transmit or receive activity is
detected. This signal is then driven low again for a
minimum of 80 ms, after which time it will repeat
the process if TX or RX activity is detected. Effec-
tively, LED2 is activated solid for a link. When
transmit or receive activity is sensed LED2 will
flash as an activity indicator.
nLED3 (Full-Duplex Indicator). This signal is
driven low when the link is operating in full-duplex
mode.
RBIAS
RBIAS
AI
1
PLL Bias: Connect to an external 12.0 kΩ 1.0%
resistor to ground. Used for the PLL Bias circuit.
Test Pin
ATEST
I
1
This pin must be connected to VDD for normal
operation.
Internal Regula-
tor Power
VREG
P
1
3.3 V input for internal voltage regulator
+3.3 V I/O Power
VDD_IO
P
8
+3.3 V I/O logic power supply pins
I/O Ground
GND_IO
P
8
Ground for I/O pins
+3.3 V Analog
Power
VDD_A
P
3
+3.3 V analog power supply pins.
Analog Ground
VSS_A
P
4
Ground for analog circuitry
Core Voltage
Decoupling
VDD_CORE
P
2
+1.8 V from internal core regulator. Both pins
must be connected together externally. Each pin
requires a 0.01 µF decoupling capacitor. In addi-
tion, pin 3 requires a bulk 10uF capacitor (<2 Ω
ESR) in parallel (see Note 1).
Core Ground
GND_CORE
P
2
Ground for internal digital logic
PLL Power
VDD_PLL
P
1
+1.8 V Power from the internal PLL regulator.
This pin must be connected to a 10 µF capacitor
(<2 Ω ESR), in parallel with a 0.01 µF capacitor to
ground (see Note 2).
PLL Ground
VSS_PLL
P
1
GND for the PLL
Reference Power
VDD_REF
P
1
Connected to 3.3 V power and used as the refer-
ence voltage for the internal PLL
TABLE 2-4:
SYSTEM AND POWER SIGNALS (CONTINUED)
Name
Symbol
Buffer Type
# Pins
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com