Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89218 Datasheet(PDF) 75 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 75 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 71Page - Microchip Technology LAN89218 Datasheet HTML 72Page - Microchip Technology LAN89218 Datasheet HTML 73Page - Microchip Technology LAN89218 Datasheet HTML 74Page - Microchip Technology LAN89218 Datasheet HTML 75Page - Microchip Technology LAN89218 Datasheet HTML 76Page - Microchip Technology LAN89218 Datasheet HTML 77Page - Microchip Technology LAN89218 Datasheet HTML 78Page - Microchip Technology LAN89218 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 75
LAN89218
5.3.2
IRQ_CFG—INTERRUPT CONFIGURATION REGISTER
This register configures and indicates the state of the IRQ signal.
Offset:
54h
Size:
32 bits
Bits
Description
Type
Default
31:24
Interrupt Deassertion Interval (INT_DEAS). This field determines the
Interrupt Request Deassertion Interval in multiples of 10 µs.
Setting this field to zero causes the device to disable the INT_DEAS Inter-
val, reset the interval counter, and issue any pending interrupts. If a new,
non-zero value is written to this field, any subsequent interrupts will obey
the new setting.
Note:
This field does not apply to the PME interrupt.
R/W
0
23:15
Reserved
RO
-
14
Interrupt Deassertion Interval Clear (INT_DEAS_CLR). Writing a one to
this register clears the de-assertion counter in the IRQ Controller, thus
causing a new de-assertion interval to begin (regardless of whether or not
the IRQ Controller is currently in an active de-assertion interval).
SC
0
13
Interrupt Deassertion Status (INT_DEAS_STS). When set, this bit indi-
cates that interrupts are currently in a deassertion interval, and will not be
delivered to the IRQ pin. When this bit is clear, interrupts are not currently
in a deassertion interval, and will be delivered to the IRQ pin.
SC
0
12
Master Interrupt (IRQ_INT). This read-only bit indicates the state of the
internal IRQ line, regardless of the setting of the IRQ_EN bit, or the state of
the interrupt de-assertion function. When this bit is high, one of the
enabled interrupts is currently active.
RO
0
11:9
Reserved
RO
-
8
IRQ Enable (IRQ_EN) – This bit controls the final interrupt output to the
IRQ pin. When clear, the IRQ output is disabled and permanently deas-
serted. This bit has no effect on any internal interrupt status bits.
R/W
0
7:5
Reserved
RO
-
4
IRQ Polarity (IRQ_POL) – When cleared, enables the IRQ line to function
as an active low output. When set, the IRQ output is active high. When
IRQ is configured as an open-drain output this field is ignored, and the
interrupt output is always active low.
R/W NASR
0
3:1
Reserved
RO
-
0
IRQ Buffer Type (IRQ_TYPE) – When cleared, enables IRQ to function as
an open-drain buffer for use in a Wired-Or Interrupt configuration.
When set, the IRQ output is a Push-Pull driver. When configured as an
open-drain output the IRQ_POL field is ignored, and the interrupt output is
always active low.
R/W NASR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com