Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89218 Datasheet(PDF) 72 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 72 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 68Page - Microchip Technology LAN89218 Datasheet HTML 69Page - Microchip Technology LAN89218 Datasheet HTML 70Page - Microchip Technology LAN89218 Datasheet HTML 71Page - Microchip Technology LAN89218 Datasheet HTML 72Page - Microchip Technology LAN89218 Datasheet HTML 73Page - Microchip Technology LAN89218 Datasheet HTML 74Page - Microchip Technology LAN89218 Datasheet HTML 75Page - Microchip Technology LAN89218 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 148 page
background image
LAN89218
DS60001255B-page 72
 2008-2015 Microchip Technology Inc.
5.1
Register Nomenclature and Access Attributes
5.2
RX and TX FIFO Ports
The LAN89218 contains four host-accessible FIFOs: RX Status, RX Data, TX Status, and TX Data FIFOs. The sizes
Data FIFOs and the RX Status FIFO are configurable through the CSRs.
5.2.1
RX FIFO PORTS
The RX Data Path contains two Read-Only FIFOs: RX Status and RX Data. The RX Status FIFO has two ports at
different address locations. The RX Status FIFO Port causes the top of the RX Status FIFO to be “popped”, and is
destructive. The RX Status FIFO PEEK Port allows the top of the RX Status FIFO to be read without “popping” it.
The RX Data FIFO has a single port; reading data from this port always causes the top of the RX Data FIFO to be
“popped”. This port is aliased to 8 DWORD (in 32-bit mode) or 16 WORD locations (in 16-bit mode). The host may
access the top of the RX Data FIFO through any of these locations.
5.2.2
TX FIFO PORTS
The TX Data Path consists of two FIFOs, TX Status and RX Data. The TX Status FIFO also has two ports at different
locations. When the TX Status FIFO Port is read, the top of the TX Status FIFO is popped. When the TX Status FIFO
PEEK Port is read, the top of the TX Status FIFO is not popped.
The TX data FIFO is Write Only. It is aliased to 8 DWORD (in 32-bit mode) or 16 WORD locations (in 16-bit mode).
The host may access the top of the TX Data FIFO through any of these locations.
Symbol
Description
RO
Read Only: If a register is read only, writes to this register have no effect.
WO
Write Only: If a register is write only, reads always return 0.
R/W
Read/Write: A register with this attribute can be read and written
R/WC
Read/Write Clear: A register bit with this attribute can be read and written. However, a write of a 1
clears (sets to 0) the corresponding bit and a write of a 0 has no effect.
RC
Read to Clear: A register bit with this attribute is cleared when read.
LL
Latch Low: Clear on read of register
LH
Latch High: Clear on read of register
SC
Self-Clearing
NASR
Not Affected by Software Reset
Reserved
Bits
Certain bits within registers are listed as “Reserved”. Unless stated otherwise, these bits must be writ-
ten with zeros for future compatibility. The values of these bits are not guaranteed when read.
Reserved
Registers
Certain configuration registers within the LAN89218 are listed as “Reserved”. These registers are not
guaranteed to return any particular value when read. These registers must not be written to or modified
by system failure; doing so could result in failure of the device and system.
Default
States
At Reset - System reset, Software Reset, or POR - internal registers are set to their default states.
The default states provide a minimum level of functionality needed to successfully bring up a system,
but do not necessarily provide desired or optimal configuration of the device. It is the responsibility of
the system initialization software to properly determine the operating parameters and optional system
features that are applicable, and to program the LAN89218 registers accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com