Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN89218 Datasheet(PDF) 65 Page - Microchip Technology

Part # LAN89218
Description  High-Performance Single-Chip 10/100 Ethernet Controller for Automotive Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN89218 Datasheet(HTML) 65 Page - Microchip Technology

Back Button LAN89218 Datasheet HTML 61Page - Microchip Technology LAN89218 Datasheet HTML 62Page - Microchip Technology LAN89218 Datasheet HTML 63Page - Microchip Technology LAN89218 Datasheet HTML 64Page - Microchip Technology LAN89218 Datasheet HTML 65Page - Microchip Technology LAN89218 Datasheet HTML 66Page - Microchip Technology LAN89218 Datasheet HTML 67Page - Microchip Technology LAN89218 Datasheet HTML 68Page - Microchip Technology LAN89218 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 148 page
background image
 2008-2015 Microchip Technology Inc.
DS60001255B-page 65
LAN89218
4.4
10Base-T Transmit
Data to be transmitted comes from the MAC layer controller. The 10Base-T transmitter receives 4-bit nibbles from
the MII at a rate of 2.5 MHz and converts them to a 10 Mbps serial data stream. The data stream is then Manchester-
encoded and sent to the analog transmitter, which drives a signal onto the twisted pair via the external magnetics.
The 10M transmitter uses the following blocks:
• MII (digital)
• TX 10M (digital)
• 10M Transmitter (analog)
• 10M PLL (analog)
4.4.1
10M TRANSMIT DATA ACROSS THE INTERNAL MII BUS
The MAC controller drives the transmit data onto the internal TXD BUS. When the controller has driven TX_EN high
to indicate valid data, the data is latched by the MII block on the rising edge of TX_CLK. The data is in the form of
4-bit wide 2.5 MHz data.
4.4.2
MANCHESTER ENCODING
The 4-bit wide data is sent to the TX10M block. The nibbles are converted to a 10Mbps serial NRZI data stream.
The 10M PLL locks onto the external clock or internal oscillator and produces a 20 MHz clock. This is used to
Manchester encode the NRZ data stream. When no data is being transmitted (TX_EN is low), the TX10M block
outputs Normal Link Pulses (NLPs) to maintain communications with the remote link partner.
4.4.3
10M TRANSMIT DRIVERS
The Manchester encoded data is sent to the analog transmitter where it is shaped and filtered before being driven
out as a differential signal across the TXP and TXN outputs.
4.5
10Base-T Receive
The 10Base-T receiver gets the Manchester- encoded analog signal from the cable via the magnetics. It recovers
the receive clock from the signal and uses this clock to recover the NRZI data stream. This 10M serial data is
converted to 4-bit data nibbles which are passed to the controller across the MII at a rate of 2.5 MHz.
This 10M receiver uses the following blocks:
• Filter and SQUELCH (analog)
• 10M PLL (analog)
• RX 10M (digital)
• MII (digital)
4.5.1
10M RECEIVE INPUT AND SQUELCH
The Manchester signal from the cable is fed into the PHY (on inputs RXP and RXN) via 1:1 ratio magnetics. It is
first filtered to reduce any out-of-band noise. It then passes through a SQUELCH circuit. The SQUELCH is a set of
amplitude and timing comparators that normally reject differential voltage levels below 300 mV and detect and
recognize differential voltages above 585 mV.
4.5.2
MANCHESTER DECODING
The output of the SQUELCH goes to the RX10M block where it is validated as Manchester encoded data. The
polarity of the signal is also checked. If the polarity is reversed (local RXP is connected to RXN of the remote partner
and vice versa), then this is identified and corrected. The reversed condition is indicated by the flag “XPOL“, bit 4 in
register 27. The 10M PLL is locked onto the received Manchester signal and from this, generates the received 20
MHz clock. Using this clock, the Manchester encoded data is extracted and converted to a 10 MHz NRZI data stream.
It is then converted from serial to 4-bit wide parallel data.
The RX10M block also detects valid 10Base-T IDLE signals - Normal Link Pulses (NLPs) - to maintain the link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com