Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1ASTR Datasheet(PDF) 54 Page - STMicroelectronics

Part # STGAP1ASTR
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1ASTR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STGAP1ASTR Datasheet HTML 50Page - STMicroelectronics STGAP1ASTR Datasheet HTML 51Page - STMicroelectronics STGAP1ASTR Datasheet HTML 52Page - STMicroelectronics STGAP1ASTR Datasheet HTML 53Page - STMicroelectronics STGAP1ASTR Datasheet HTML 54Page - STMicroelectronics STGAP1ASTR Datasheet HTML 55Page - STMicroelectronics STGAP1ASTR Datasheet HTML 56Page - STMicroelectronics STGAP1ASTR Datasheet HTML 57Page - STMicroelectronics STGAP1ASTR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
Programming manual
STGAP1AS
54/70
DocID029344 Rev 2
The SD_FLAG bit sets the SD pin functionality according to Table 27. When the reset of the
failure flags through the SD pin is enabled, keeping low the SD pin for at least trelease
causes all the latched flags of the status registers to be released at the next SD rising edge.
The DIAG_EN bit sets if the IN-/DIAG2 pin works as the input or open drain output
according to Table 28. Refer to Section 7.1 on page 25 for details.
The DTset bits set the deadtime value.
The INfilter bits set the input deglitch time tdeglitch for the SD, IN- and IN+ pins.
Table 27. SD pin FAULT management
SD_FLAG
SD pin functionality
0SD pin do not reset STATUS registers
1SD pin reset STATUS registers
Table 28. IN-/DIAG2 pin functionality
DIAG_EN
IN-/DIAG2 pin functionality
0
The IN-/DIAG2 pin work as input
1The IN-/DIAG2 pin work as open drain output
Table 29. Deadtime
DTset [1 ... 0]
Deadtime value [ns]
-
00
Disabled
0
1
250
1
0
800
1
1
1200
Table 30. Input deglitch time
INfilter [1 ... 0]
Input deglitch time value [ns]
00
Disabled
0
1
160
1
0
500
11
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com