Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1ASTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STGAP1ASTR
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1ASTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STGAP1ASTR Datasheet HTML 14Page - STMicroelectronics STGAP1ASTR Datasheet HTML 15Page - STMicroelectronics STGAP1ASTR Datasheet HTML 16Page - STMicroelectronics STGAP1ASTR Datasheet HTML 17Page - STMicroelectronics STGAP1ASTR Datasheet HTML 18Page - STMicroelectronics STGAP1ASTR Datasheet HTML 19Page - STMicroelectronics STGAP1ASTR Datasheet HTML 20Page - STMicroelectronics STGAP1ASTR Datasheet HTML 21Page - STMicroelectronics STGAP1ASTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
Electrical characteristics
STGAP1AS
18/70
DocID029344 Rev 2
t2LTOtime
21
2LTO time
2LTOtime = '0001'
0.64
0.75
0.89
µs
2LTOtime = '0010'
0.89
1.00
1.15
2LTOtime = '0011'
1.36
1.50
1.65
2LTOtime = '0100'
1.83
2.00
2.18
2LTOtime = '0101'
2.30
2.50
2.70
2LTOtime = '0110'
2.77
3.00
3.23
2LTOtime = '0111'
3.25
3.50
3.75
2LTOtime = '1000'
3.47
3.75
4.03
2LTOtime = '1001'
3.71
4.00
4.29
2LTOtime = '1010'
3.94
4.25
4.56
2LTOtime = '1011'
4.18
4.50
4.82
2LTOtime = '1100'
4.42
4.75
5.08
2LTOtime = '1101'
4.66
5.00
5.34
2LTOtime = '1110'
4.90
5.25
5.63
2LTOtime = '1111'
5.12
5.50
5.95
Diagnostic outputs
tDIAG1,2
8, 10
Fault event to DIAGx
Low delay
Fault event to DIAGx
90%
-5
-
µs
IDIAG1
DIAG1 low level sink
current
VDIAG1 = 0.4 V
10
18
30
mA
IDIAG2
DIAG2 low level sink
current
VDIAG2 = 0.4 V
10
18
30
mA
RDIAG1,2
DIAGx pull-down
resistor
-
300
550
800
k
Clamp Miller function
VCLAMPth
22
CLAMP voltage
threshold
CLAMP vs. GNDISO
1.70
2
2.30
V
ICLAMP
Clamp short-circuit
current
VIN < Vih, Tpulse < 5 s,
DC = 1
%
Tj = 25 °C
Tj = -40 ÷ +125 °C
2.50
5
6
A
VCLAMP_L
Clamp low level output
voltage
ICLAMP = 1 A
VL + 0.50
VL + 1
VL + 1.80
V
VCE active clamping protection
VVCECLth
19
VCE clamping threshold
-
VL + 1.20
VL + 1.60
VL + 2
V
VVCECLhyst
VCE clamping threshold
hysteresis
-
0.30
0.50
0.60
V
Table 6. DC operation electrical characteristics
(Tj = -40 to 125 °C, VDD = 5 V; VH = 15 V, VL = GNDISO) (continued)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com