Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1ASTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGAP1ASTR
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1ASTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGAP1ASTR Datasheet HTML 9Page - STMicroelectronics STGAP1ASTR Datasheet HTML 10Page - STMicroelectronics STGAP1ASTR Datasheet HTML 11Page - STMicroelectronics STGAP1ASTR Datasheet HTML 12Page - STMicroelectronics STGAP1ASTR Datasheet HTML 13Page - STMicroelectronics STGAP1ASTR Datasheet HTML 14Page - STMicroelectronics STGAP1ASTR Datasheet HTML 15Page - STMicroelectronics STGAP1ASTR Datasheet HTML 16Page - STMicroelectronics STGAP1ASTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
DocID029344 Rev 2
13/70
STGAP1AS
Electrical characteristics
70
4
Electrical characteristics
4.1
AC operation
Table 5. AC operation electrical characteristics
(Tj = -40 to 125 °C, VDD = 5 V; VH = 15 V, VL = GNDISO)
Symbol
Pin
Parameter
Test condition
Min. Typ. Max. Unit
tdeglitch
8, 9, 11
Input deglitch time
INfilter = '11'
50
70
90
ns
INfilter = '01'
100
160
220
ns
INfilter = '10'
420
500
580
ns
tINmin
Minimum propagated input pulse
INfilter = '00' and (2LTO_EN = '0'
or 2LTOtime = 0x0)
--
20
ns
tDon
8, 9, 11, 20
Input to output propagation
delay ON
Deglitch filter and 2LTO disabled
90
100
130
ns
tDoff
8, 9, 11, 21
Input to output propagation
delay OFF
Deglitch filter and 2LTO disabled
90
100
130
ns
tr
20
GON rise time
VL = 0 V;
CL = 2 nF, 10% ÷ 90%
--
25
ns
tf
21
GOFF rise time
VL = 0V
CL = 2 nF, 90% ÷ 10%
--
25
ns
PWD
8, 9, 11,
20, 21
Pulse width distortion |tDon - tDoff|
tIN > 100 ns
Deglitch filter and 2LTO disabled
-4
10
ns
DT
8, 9, 20,
21
Deadtime
DTset = '01'
205
250
295
ns
DTset = '10'
650
800
945
DTset = '11'
985 1200 1415
trelease
11
Minimum flag release time
SD = '0', SD_FLAG = '1'
-
-
105
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com