Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1ASTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGAP1ASTR
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1ASTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGAP1ASTR Datasheet HTML 10Page - STMicroelectronics STGAP1ASTR Datasheet HTML 11Page - STMicroelectronics STGAP1ASTR Datasheet HTML 12Page - STMicroelectronics STGAP1ASTR Datasheet HTML 13Page - STMicroelectronics STGAP1ASTR Datasheet HTML 14Page - STMicroelectronics STGAP1ASTR Datasheet HTML 15Page - STMicroelectronics STGAP1ASTR Datasheet HTML 16Page - STMicroelectronics STGAP1ASTR Datasheet HTML 17Page - STMicroelectronics STGAP1ASTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
Electrical characteristics
STGAP1AS
14/70
DocID029344 Rev 2
4.2
DC operation
Table 6. DC operation electrical characteristics
(Tj = -40 to 125 °C, VDD = 5 V; VH = 15 V, VL = GNDISO)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit
Logic inputs/output
Vol
2
SDO logic “0” output
voltage
I = 4 mA
-
-
0.15
V
Voh
SDO logic “1” output
voltage
I = 4 mA
4.85
-
-
V
IINh
8, 9
INx logic “1” input bias
current
VIN = 5 V (pin 8 used as IN-)
55
85
145
µA
IINl
INx logic “0” input bias
current
VIN = 0 V(pin 8 used as IN-)
-
-
0.10
µA
ISDh
11
SD logic “1” input bias
current
VSD = 5 V
55
85
145
µA
ISDl
SD logic “0” input bias
current
VSD = 0 V
-
-
0.10
µA
Rin_pd
8, 9, 11
Input pull-down
resistors
VIN = 5 V (pin 8 used as IN-)
35
60
85
k
Rin_pu
4
CS input pull-up
resistor
CS = GND
35
55
80
k
Vil
3, 4, 5,
8, 9, 11
Low logic level voltage
-
0.29 · VDD 0.33 · VDD 0.37 · VDD
V
Vih
High logic level voltage
-
0.62 · VDD 0.66 · VDD 0.79 · VDD
V
Driver buffer section
IGON
20
Source short-circuit
current
VIN < Vih, Tpulse < 5 s,
DC = 1
%
Tj = 25 °C
Tj = -40 ÷ +125 °C
2.50
5
7
A
IGOFF
21
Sink short-circuit
current
VIN < Vih, Tpulse < 5 s,
DC = 1
%
Tj = 25 °C
Tj = -40 ÷ +125 °C
2.50
5
6
A
VGOFFL
21
GOFF output low level
voltage
IGOFF = 0.1 A
IGOFF = 1 A
VL + 0.03
VL + 0.50
VL + 0.09
VL + 1
VL + 0.15
VL + 1.80
V
VGONH
20
GON output high level
voltage
IGON = 0.1 A
IGON = 1 A
VH - 0.18
VH - 2.10
VH - 0.10
VH - 1.30
VH - 0.05
VH - 0.50
V
SafeClp
20, 21,
22
GOFF active clamp
IGOFF = 0.2 A;
VH floating;
GON = GOFF = CLAMP
--
3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com