Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1ASTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STGAP1ASTR
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1ASTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STGAP1ASTR Datasheet HTML 12Page - STMicroelectronics STGAP1ASTR Datasheet HTML 13Page - STMicroelectronics STGAP1ASTR Datasheet HTML 14Page - STMicroelectronics STGAP1ASTR Datasheet HTML 15Page - STMicroelectronics STGAP1ASTR Datasheet HTML 16Page - STMicroelectronics STGAP1ASTR Datasheet HTML 17Page - STMicroelectronics STGAP1ASTR Datasheet HTML 18Page - STMicroelectronics STGAP1ASTR Datasheet HTML 19Page - STMicroelectronics STGAP1ASTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
Electrical characteristics
STGAP1AS
16/70
DocID029344 Rev 2
OVVHoff
17
VH OVLO turn-off
threshold
OVLO_EN = '1'
17.80
19
20
V
OVVHon
VH OVLO turn-on
threshold
OVLO_EN = '1'
16.90
18
18.90
V
OVVHhys
VH OVLO hysteresis
OVLO_EN = '1'
0.60
1
1.30
V
OVVLoff
14, 23
VL OVLO turn-off
threshold
OVLO_EN = '1'
-10.50
-10
-9.40
V
OVVLon
VL OVLO turn-on
threshold
OVLO_EN = '1'
-9.45
-9
-8.55
V
OVVLhyst
VL OVLO hysteresis
OVLO_EN = '1'
0.70
1
1.30
V
IQH
17
VH quiescent supply
current
SD = 5 V;
IN+ = 5 V; IN- = GND
56.70
7.50
mA
IQL
14, 23
VL quiescent supply
current
VL = -5 V;
SD = 5 V;
IN+ = IN- = GND
300
420
550
A
Desaturation protection
VDESATth
18
Desaturation threshold
DESATth = '000';
2.60
3
3.10
V
DESATth = '001'
3.60
4
4.20
DESATth = '010'
4.60
5
5.30
DESATth = '011'
5.50
6
6.30
DESATth = '100'
6.50
7
7.40
DESATth = '101'
7.40
8
8.40
DESATth = '110'
8.30
9
9.40
DESATth = '111'
9.30
10
10.50
tDESfilter
DESAT pin deglitch
filter
DESATth = '100'(1)
10
20
30
ns
IDESAT
DESAT blanking
charge current
DESATcur = '00';
VDESAT = 0 V
220
250
265
µA
DESATcur = '01';
VDESAT = 0 V
440
500
525
DESATcur = '10';
VDESAT = 0 V
660
750
800
DESATcur = '11';
VDESAT = 0 V
885
1000
1050
IDESoff
DESAT blanking
discharge current
VDESAT = 8 V
50
70
90
mA
Table 6. DC operation electrical characteristics
(Tj = -40 to 125 °C, VDD = 5 V; VH = 15 V, VL = GNDISO) (continued)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com