Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1ASTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # STGAP1ASTR
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1ASTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STGAP1ASTR Datasheet HTML 26Page - STMicroelectronics STGAP1ASTR Datasheet HTML 27Page - STMicroelectronics STGAP1ASTR Datasheet HTML 28Page - STMicroelectronics STGAP1ASTR Datasheet HTML 29Page - STMicroelectronics STGAP1ASTR Datasheet HTML 30Page - STMicroelectronics STGAP1ASTR Datasheet HTML 31Page - STMicroelectronics STGAP1ASTR Datasheet HTML 32Page - STMicroelectronics STGAP1ASTR Datasheet HTML 33Page - STMicroelectronics STGAP1ASTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
Functional description
STGAP1AS
30/70
DocID029344 Rev 2
7.5
Thermal warning and shutdown protection
The device provides a thermal warning and a thermal shutdown protection.
When junction temperature reaches the TWN temperature threshold the TWN flag in the
STATUS1 register is forced high. The TWN flag is released as soon as the junction
temperature is lower than TWN - Thys.
When junction temperature reaches the TSD temperature threshold, the device is forced in
“safe state” and the TSD flag in the STATUS1 register is forced high. The device operation is
restored and the TSD flag is released as soon as the junction temperature is lower than
TSD - Thys.
7.6
Desaturation protection
This feature allows implementing an overload protection for the IGBT. The DESAT pin
monitors the VCE voltage of the IGBT while it is on, and if the protection threshold is
reached, the IGBT is turned off.
When the IGBT is off (GOFF output is activated) the DESAT pin is kept low internally and
the external blanking capacitor connected to the DESAT pin is discharged (the internal
current generator is fully switched off and the switch between DESAT and GNDISO pins is
turned on).
When the GON output is activated the switch between DESAT and GNDISO pins is turned
off and an internal programmable current generator (IDESAT) starts charging the external
blanking capacitor after a fixed blanking time tBLK.
If a desaturation event occurs the VCE voltage increases and the voltage at the DESAT pin
reaches the desaturation threshold VDESATth: the DESAT comparator output is set, the
device is forced in “safe state” and the DESAT flag is forced high and latched.
The DESAT comparator is not active when the external IGBT is off or after desaturation
detection (see Figure 11).
Both the VDESATth threshold and the IDESAT blanking current are programmable through the
SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com