Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1ASTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # STGAP1ASTR
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1ASTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STGAP1ASTR Datasheet HTML 34Page - STMicroelectronics STGAP1ASTR Datasheet HTML 35Page - STMicroelectronics STGAP1ASTR Datasheet HTML 36Page - STMicroelectronics STGAP1ASTR Datasheet HTML 37Page - STMicroelectronics STGAP1ASTR Datasheet HTML 38Page - STMicroelectronics STGAP1ASTR Datasheet HTML 39Page - STMicroelectronics STGAP1ASTR Datasheet HTML 40Page - STMicroelectronics STGAP1ASTR Datasheet HTML 41Page - STMicroelectronics STGAP1ASTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
Functional description
STGAP1AS
38/70
DocID029344 Rev 2
7.14.2
GOFF to gate path check
The purpose of this security check is to verify the path integrity including the driver's GOFF
output, the GOFF (turn-off) gate resistor, the power switch gate and the CLAMP pin (see
Figure 17
).
To perform this test, the following procedure has to be followed:
Set SD = low
Send StartConfig command
Set GOFFCHK = '1'
Send StopConfig command
Wait tGchk + tGATE_GOFFchk
Read DESAT flag
DESAT = '0' → OK (VCLAMP < VCLAMPth)
DESAT = '1' → FAIL (VCLAMP > VCLAMPth)
During the check a small current IGOFFchk will be sourced from the CLAMP pin while GOFF
is on keeping the gate low through the turn-off gate resistor.
To ensure the check result, some applicative conditions have to be verified:
The bleeding resistor, sometimes present between the gate and source in the
power switch, shall be higher than 8.2 k
.
During the test, the power switch gate shall have the time to be charged up to
VCLAMPth by IGOFFchk. In case no bleeding resistor is present, this time can be
roughly computed as:
tGATE_GOFFchk ≈ CGATE * (VCLAMPth - VL) / IGOFFchk
If a bleeding resistor is present or an additional push-pull circuit has been added,
the time has to be computed with the adequate corrective factors.
If the check fails due to the lack of the GOFF resistor, the power switch gate will gradually
rise up to VH with no protections of SENSE nor DESAT. The user test routine shall consider
this behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com