Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1ASTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STGAP1ASTR
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1ASTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STGAP1ASTR Datasheet HTML 19Page - STMicroelectronics STGAP1ASTR Datasheet HTML 20Page - STMicroelectronics STGAP1ASTR Datasheet HTML 21Page - STMicroelectronics STGAP1ASTR Datasheet HTML 22Page - STMicroelectronics STGAP1ASTR Datasheet HTML 23Page - STMicroelectronics STGAP1ASTR Datasheet HTML 24Page - STMicroelectronics STGAP1ASTR Datasheet HTML 25Page - STMicroelectronics STGAP1ASTR Datasheet HTML 26Page - STMicroelectronics STGAP1ASTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
DocID029344 Rev 2
23/70
STGAP1AS
Logic supply management
70
6.2
High voltage section voltage regulator
The device integrates in the high voltage section a linear voltage regulator that generates
the 3.3 V logic core supply voltage from an external supply voltage connected to the VH pin.
Figure 4. High voltage section 3.3 V voltage regulator
If the voltage at the VREGISO pin goes below the minimum operating threshold which
causes the logic reset, the REGERRR bit in the STATUS2 register is set high.
6.3
Power-up, power-down and “safe state”
The following conditions define the device's “safe state”:
GOFF = ON state
GON = high impedance
CLAMP = ON state (if CLAMP < 'GNDISO + VCLAMPth')
DESAT = GNDISO (internal switch on and current generator off)
Such conditions are guaranteed at power-up of the isolated side (also for VH < VHon
and VL > VLon) and during the whole device power-down phase (also for VH < VHoff
and VL > VLoff), whatever the value of the input pins.
The device integrates a structure which clamps the driver output to a voltage smaller than
SafeClp when the VH voltage is not high enough to actively turn the Goff N-channel
MOSFET on.
If the VH positive supply pin is floating the GOFF pin is clamped to a voltage smaller than
SafeClp.
After power-up of the isolated side the REGERRR status flag is latched and the device is
forced in “safe state”. See Section 7.11 on page 35 for indication on how the failure flags
can be released.
After power-up of the low voltage side the REGERRL and UVLOD status flags are latched
and the device is forced in “safe state”. See Section 7.11 for indication on how the failure
flags can be released.
The UVLOH flag is also forced high at the power-up of the low voltage side, but its value is
set to zero as soon as the isolated side power-up is completed.
VREGISO
VH
VH
LDO
Reg
4.7 µF
100 nF
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com