| Electronic Components Datasheet Search |
|
STGAP1ASTR Datasheet(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGAP1ASTR Datasheet(HTML) 51 Page - STMicroelectronics |
|
51 / 70 page ![]() DocID029344 Rev 2 51/70 STGAP1AS Programming manual 70 9.1.4 ResetStatus and GlobalReset commands The ResetStatus command is a specific reset command which acts on all status registers releasing all the latched flags. The command is executed only when the SD input is low, otherwise the SPI_ERR flag is forced low. The GlobalReset command reset all the registers to the default and releases all the failure flag (if latched). It can be sent when the device is in the configuration mode only, otherwise the command is ignored and the SPI_ERR flag is forced low. 9.1.5 Sleep command The command forces the device to switch in standby mode within a tsleep period. The command is executed only when the SD pin in low, if the SD pin is high the command is ignored and the SPI_ERR flag is forced low. Refer to Section 6.4 on page 24 for the description of the standby mode. 9.1.6 NOP command The command does not modify the device status and does not generate any answer. Table 18. ResetStatus command synopsis Byte 1 2 To device 1101 0000 0011 0010(1) 1. The CRC byte of the command, if the CRC check is disabled this byte is ignored. Table 19. GlobalReset command synopsis Byte 1 2 To device 1110 1010 1001 0100(1) 1. The CRC byte of the command, if the CRC check is disabled this byte is ignored. Table 20. Sleep command synopsis Byte 1 2 To device 1111 0101 1100 1001(1) 1. The CRC byte of the command, if the CRC check is disabled this byte is ignored. Table 21. NOP command synopsis Byte 1 2 To device 0000 0000 0000 1100(1) 1. The CRC byte of the command, if the CRC check is disabled this byte is ignored. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |